Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1405DITSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1405DITSTRT
Description  High Speed Synchronous Power MOSFET Smart Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405DITSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1405DITSTRT Datasheet HTML 6Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 7Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 8Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 9Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 10Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 11Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 12Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 13Page - Semtech Corporation SC1405DITSTRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC1405D
POWER MANAGEMENT
PIN Descriptions
Typical Characteristics
Performance diagrams, Application Evaluation Board.
PIN Descriptions
Timing diagram:
Ch1: CO input
Ch2: TG drive
Ch3: BG non-overlap drive
Ch4: phase node
Iout = 20A (10A/phase)
Refer to Eval. Schematic
(fig.3)
Timing diagram:
Rise/Fall times
Ch1: TG drive
Ch2: BG drive
Cursor: Tpdh
TG
Iout = 20A (10A/phase)
Refer to Eval. Schematic
(fig.3)
V
IN = 12V, VOUT = 1.6V. Top FET = IR7811 FDB7030(BL) Qgd = 23nc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com