Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP121 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # TIP121
Description  Si-Epitaxial Planar Darlington Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP121 Datasheet(HTML) 2 Page - Diotec Semiconductor

  TIP121 Datasheet HTML 1Page - Diotec Semiconductor TIP121 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIP120 ... TIP122
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation volt. – Kollektor-Emitter-Sättigungsspg. 2)
IC = 3 A, IB = 12 mA
IC = 5 A, IB = 20 mA
VCEsat
VCEsat
2 V
4 V
Base-Emitter voltage – Basis-Emitter-Spannung 2)
IC = 3 A, VCE = 3 V
VBE
2.5 V
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
VCE = 30 V, (B open)
VCE = 40 V, (B open)
VCE = 50 V, (B open)
TIP120
TIP121
TIP122
ICEO
ICEO
ICEO
500 nA
500 nA
500 nA
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 60 V, (E open)
VCB = 80 V, (E open)
VCB = 100 V, (E open)
TIP120
TIP121
TIP122
ICBO
ICBO
ICBO
200 nA
200 nA
200 nA
Collector-Base Capacitance – Kollektor-Basis-Kapazität
V
CB = 10 V, IE = ie = 0, f = 100 kHz
C
CB0
200 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 63 K/W 1)
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 3 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
M4
9 ± 10% lb.in.
1 ± 10% Nm
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
TIP125 ... TIP127
Equivalent Circuit – Ersatzschaltbild
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
T
1
T
2
EB
C
T2
T1
E2
C2
B1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com