Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1104XEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1104XEVB
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104XEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1104XEVB Datasheet HTML 3Page - Semtech Corporation SC1104XEVB Datasheet HTML 4Page - Semtech Corporation SC1104XEVB Datasheet HTML 5Page - Semtech Corporation SC1104XEVB Datasheet HTML 6Page - Semtech Corporation SC1104XEVB Datasheet HTML 7Page - Semtech Corporation SC1104XEVB Datasheet HTML 8Page - Semtech Corporation SC1104XEVB Datasheet HTML 9Page - Semtech Corporation SC1104XEVB Datasheet HTML 10Page - Semtech Corporation SC1104XEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
Theory of Operation (Cont.)
When choosing OC trip point one should consider the
Tempco of the MOSFETs Rds_on and SC1104’s Vtrip.
Also, any ringing on the Vcc and Phase nodes due to
parasitic L and C will have some effect on the OC Vtrip.
Example:
Iout_nom = 6A; assume I_max = 125% • Iout_nom =
7.5A
Rds_on = 0.014
Ω; assume Rds_on_max ≈ 150% •
Rds_on = 0.02
Ω
Voc = 7.5A • 0.02
Ω = 150mV.
This proves that MOSFETs with R
DS_ON = 0.014Ω @ 25°C
is the right choice.
Soft Start
The soft start (or hiccup) circuitry is activated when a
fault occurs. Faults occur for three reasons:
1) Under voltage (V
CC < 4.2V)
2) Over temperature (die temperature > 150°C)
3) Over current in high side FET.
All faults are handled the same way. Both DH and DL are
forced low. The error amplifier is turned off, but a 2µA
current flows into the comp pin (soft start current). The
sink current reduces the Comp voltage down to 0.6V
over a period of a few milliseconds. When Vcomp ~ 0.6V,
the fault is cleared and the DL goes high. Also, the soft
start current changes polarity and begins to increase the
voltage on the Comp capacitor. The DH remains low, be-
cause Vcomp is less than the lowest excursion of the
oscillator ramp (1.0V). After a few ms, the Vcomp in-
creases to about 1.0V and the DH will start to switch.
The duty cycle will gradually increase, and Vsns will in-
crease. When Vsns ~ 1.00V, the error amplifier turns on
again. The circuit has now reached its operating point. If
a fault occurs during the soft start, the cycle will begin
again (drivers low, Vcomp decreasing down to 0.6V).
Closing the Loop
In order to have a stable closed loop system with optimum
transient response one should make sure that open-loop
frequency response has an adequate Gain & Phase
margins. The Bode plot of log. Gain vs Freq. and Phase
vs Freq. provide the necessary means for the circuit
evaluation. Loop stability defined by compensation
networks around transconductance error amplifier (EA)
and output divider, see below and output capacitor Cout
and inductor Lout.
Cp
Cn
Ra
Rn
Rb
+
_
Vref
Vout
EA
Gm
Typical transconductance error amplifier
The inductor and output capacitor form a “double pole”
at the frequency:
∏
•
•
•
=
Co
Lo
2
1
f
LC
The ESR of the output capacitor and the output capacitor
value create a “zero” at the frequency.
∏
•
•
•
=
Co
ESR
2
1
f
ESR
The “zero” and “pole” from the EA compensation network
are:
∏
•
•
•
=
Cc
Rc
2
1
f
Z
∏
•
•
•
=
Cp
Rc
2
1
f
P
The additional “lead” network R
A, CN, RN can be used to
improve phase margin in case when output capacitors
with extra-low ESR are used and there is a need to
compensate for “high quality” output Lo, Co filter.
C
C
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com