Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV57009 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 2 Page - Supertex, Inc

  HV57009 Datasheet HTML 1Page - Supertex, Inc HV57009 Datasheet HTML 2Page - Supertex, Inc HV57009 Datasheet HTML 3Page - Supertex, Inc HV57009 Datasheet HTML 4Page - Supertex, Inc HV57009 Datasheet HTML 5Page - Supertex, Inc HV57009 Datasheet HTML 6Page - Supertex, Inc HV57009 Datasheet HTML 7Page - Supertex, Inc HV57009 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV57009
Ordering Information
Device
Package Options
80-Lead PQFP
HV57009
HV57009PG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
1
-0.5V to +7.5V
Output voltage , V
PP
1
V
DD + 0.5V to -95V
Logic input levels1
-0.3V to V
DD + 0.3V
Ground current2
1.5A
Continuous total power dissipation3
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm from
case for 10 seconds
260°C
Notes:
1. All voltages are referenced to V
SS
2. Limited by the total dissipated in the package.
3. For operation above 25°C ambiant derate linearly to maximum
operating temperature at 20mW/°C.
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
V
DD
Logic supply voltage
4.5
5.5
V
HV
OUT
HV output off voltage
-85
V
DD
V
V
IH
High-level input voltage
V
DD - 1.2V
-
V
V
IL
Low-level input voltage
0
1.2
V
f
CLK
Clock frequency per register
DC
8.0
MHz
4.5
T
A
Operating free-air temperature
-40
+85
°C
Notes:
Power-up sequence should be the following:
1. Apply ground
2. Apply V
DD
3. Set all inputs (D
IN, CLK, LE) to a known state
Power-down sequence should be the reverse of the above
Pin Configuration
80-Lead PQFP (PG)
(top view)
1
80
80-Lead PQFP (PG)
HV57009PG
LLLLLLLLLLL
YYWW
CCCCCCCCC AAA
L = Lot Number
YY = Year Sealed
WW = Week Sealed
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Product Marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com