Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4611 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4611
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4611 Datasheet HTML 1Page - Semtech Corporation SC4611 Datasheet HTML 2Page - Semtech Corporation SC4611 Datasheet HTML 3Page - Semtech Corporation SC4611 Datasheet HTML 4Page - Semtech Corporation SC4611 Datasheet HTML 5Page - Semtech Corporation SC4611 Datasheet HTML 6Page - Semtech Corporation SC4611 Datasheet HTML 7Page - Semtech Corporation SC4611 Datasheet HTML 8Page - Semtech Corporation SC4611 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
 2004 Semtech Corp.
www.semtech.com
SC4611
POWER MANAGEMENT
Pin Configuration
Ordering Information
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
Pe
g
n
a
R
.
p
m
e
T
T
R
T
S
T
I
1
1
6
4
C
S
)
2
(
0
2
-
P
O
S
S
T
)
1
(
C
°
5
8
+
o
t
C
°
0
4
-
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free device. This product is fully WEEE and RoHS
compliant.
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tn
i
Ms
t
i
n
U
e
l
c
y
C
y
t
u
D
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
Mx
a
m
Dz
H
k
0
5
1
=
w
s
F0
9%
z
H
M
1
=
w
s
F0
8%
h
t
d
i
W
e
s
l
u
P
m
u
m
i
n
i
M
)
1
(
n
i
m
e
s
l
u
p
T0
5
1S
n
t
u
p
t
u
O
)
H
(
e
c
n
a
t
s
i
s
e
R
-
N
O
e
v
i
r
D
e
t
a
G
R
H
D
G
N
O
I
E
C
R
U
O
S
A
m
0
2
=
2
Ω
)
H
(
e
c
n
a
t
s
i
s
e
R
-
F
F
O
e
v
i
r
D
e
t
a
G
R
H
D
G
F
F
O
I
K
N
I
S
A
m
0
2
=
1
Ω
)
L
(
e
c
n
a
t
s
i
s
e
R
-
N
O
e
v
i
r
D
e
t
a
G
R
L
D
G
N
O
I
E
C
R
U
O
S
A
m
0
2
=
2
Ω
)
L
(
e
c
n
a
t
s
i
s
e
R
-
F
F
O
e
v
i
r
D
e
t
a
G
R
L
D
G
F
F
O
I
K
N
I
S
A
m
0
2
=
1
Ω
e
m
i
T
e
s
i
Re
s
i
r
T
C
T
U
O
F
p
0
0
0
2
=
5
1S
n
e
m
i
T
ll
a
Fll
a
f
T
C
T
U
O
F
p
0
0
0
2
=
5
1S
n
s
l
a
n
g
i
S
e
v
i
r
D
n
e
e
w
t
e
B
e
m
i
T
d
a
e
D
)
1
(
0
3S
n
1
2
3
4
5
6
7
8
PVCC
PH
TOP VIEW
(20 Pin TSSOP)
13
14
15
16
GDL
GDH
PGND
BST
AVCC
VIN
SYNC
BDI
AGND
CS-
SS/SH
CS+
OSC
FB
9
10
12
CLM
EAO
OVP
POK
11
18
17
19
20
NOTES:
(1) Guaranteed by design. Not tested in production.
(2) This device is ESD sensitive. Use of standard ESD handling precautions is required
Unless specified: T
A = TJ = -40 to +85°C, Vin = 12V, PVCC = AVCC = 6V, Fsw = 625 kHz, SS/SH = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com