Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2264 Datasheet(PDF) 18 Page - Princeton Technology Corp

Part # PT2264
Description  Remote Control Encoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2264 Datasheet(HTML) 18 Page - Princeton Technology Corp

Back Button PT2264 Datasheet HTML 10Page - Princeton Technology Corp PT2264 Datasheet HTML 11Page - Princeton Technology Corp PT2264 Datasheet HTML 12Page - Princeton Technology Corp PT2264 Datasheet HTML 13Page - Princeton Technology Corp PT2264 Datasheet HTML 14Page - Princeton Technology Corp PT2264 Datasheet HTML 15Page - Princeton Technology Corp PT2264 Datasheet HTML 16Page - Princeton Technology Corp PT2264 Datasheet HTML 17Page - Princeton Technology Corp PT2264 Datasheet HTML 18Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2264 v1.0
- 18 -
June, 2004
Remote Control Encoder IC
PT2264
Notes:
1. Dimensioning and tolerancing per ANSI Y14.5M-1982.
2. Dimension〝D〞does not include mold flash, protrusions or gate burrs. Mold Flash, protrusion or gate
burrs shall not exceed 0.15 mm (0.006 in) per side.
3. Dimension〝E〞does not include interlead flash or protrusions. Interlead flash or protrusions shall not
exceed 0.25 mm (0.010 in) per side.
4. The chamfer on the body is optional. It is not present, a visual index feature must be located within
the crosshatched area.
5.〝L〞is the length of the terminal for soldering to a substrate.
6. N is the number of the terminal positions (N=20)
7. The lead width〝B〞as measured 0.36 mm (0.014 in) or greater above the seating plane, shall not
exceed a maximum value of 0.61 mm (0.24 in).
8. Controlling dimension:MILLIMETER.
9. Refer to JEDEC MS-013, Variation AC.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com