Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2635 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP2635
Description  P- Channel Enhancement-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2635 Datasheet(HTML) 1 Page - Supertex, Inc

  TP2635 Datasheet HTML 1Page - Supertex, Inc TP2635 Datasheet HTML 2Page - Supertex, Inc TP2635 Datasheet HTML 3Page - Supertex, Inc TP2635 Datasheet HTML 4Page - Supertex, Inc TP2635 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TP2635/TP2640
Features
Low threshold — -2.0V max.
High input impedance
Low input capacitance
Fast switching speeds
Low on resistance
Free from secondary breakdown
Low input and output leakage
Complementary N- and P-channel devices
Applications
Logic level interfaces – ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic drives
Analog switches
General purpose line drivers
Telecom switches
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
These low threshold enhancement-mode (normally-off)
transistors utilize a vertical DMOS structure and Supertex’s
well-proven silicon-gate manufacturing process. This
combination produces devices with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures,
these devices are free from thermal runaway and thermally
induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
Ordering Information
Device
Package Options
BV
DSS/BVDGS
R
DS(ON) (max)
V
GS(th) (max)
I
D(ON) (min)
SO-8
TO-92
TP2635
-
TP2635N3
-350V
15Ω
-2.0V
-0.7A
-
TP2635N3-G
TP2640
TP2640LG
TP2640N3
-400V
15Ω
-2.0V
-0.7A
TP2640LG-G
TP2640N3-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Drain to source voltage
BV
DSS
Drain to gate voltage
BV
DGS
Gate to source voltage
±20V
Operating and storage temperature
-55°C to +150°C
Soldering temperature1
+300°C
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Note 1. Distance of 1.6mm from case for 10 seconds.
Pin Configurations
S G D
TO-92
1
2
3
4
8
7
6
5
SO-8
(top view)
NC
NC
S
G
D
D
D
D
P- Channel Enhancement-Mode
Vertical DMOS FETs


Similar Part No. - TP2635

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2635 SUTEX-TP2635 Datasheet
457Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635 Datasheet
624Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
TP2635N3 SUTEX-TP2635N3 Datasheet
457Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2635N3-G SUTEX-TP2635N3-G Datasheet
624Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
TP2635N3-GP002 SUTEX-TP2635N3-GP002 Datasheet
624Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TP2635

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com