Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5112CDP Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP5112CDP
Description  9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP5112CDP Datasheet(HTML) 2 Page - IMP, Inc

  IMP5112CDP Datasheet HTML 1Page - IMP, Inc IMP5112CDP Datasheet HTML 2Page - IMP, Inc IMP5112CDP Datasheet HTML 3Page - IMP, Inc IMP5112CDP Datasheet HTML 4Page - IMP, Inc IMP5112CDP Datasheet HTML 5Page - IMP, Inc IMP5112CDP Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Pin Configuration
Ordering Information
Absolute Maximum Ratings1
8
T2
1
T7
DW Package
9T3
7
T1
10 T4
6
DISCONNECT*
11 VTERM
5
GND
12 HEAT SINK/GND
4
HEAT SINK/GND
13 HEAT SINK/GND
3
T9
14 NC
2
T8
15 T5
16 T6
5111/5112__02.eps
IMP5111
IMP5112
* DISCONNECT (IMP5111)
DISCONNECT (IMP5112)
SO-16
* DISCONNECT (IMP5111)
DISCONNECT (IMP5112)
12
T2
1
T7
PW Package
13 T3
7
HEAT SINK/GND
18 HEAT SINK/GND
8
HEAT SINK/GND
17 HEAT SINK/GND
9
HEAT SINK/GND
16 NC
10
DISCONNECT*
15 VTERM
11
T1
14 T4
6
HEAT SINK/GND
19 HEAT SINK/GND
5
GND
20 HEAT SINK/GND
4
NC
21 NC
3
T9
22 NC
2
T8
23 T5
24 T6
5111/5112_02a.eps
IMP5111
IMP5112
TSSOP-24
r
e
b
m
u
N
t
r
a
Pe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
P
D
C
1
1
1
5
P
M
I0°
5
2
1
o
t
C
°CO
S
c
i
t
s
a
l
P
n
i
p
-
6
1
T
P
D
C
1
1
1
5
P
M
I0°
5
2
1
o
t
C
°CO
S
c
i
t
s
a
l
P
n
i
p
-
6
1
,
l
e
e
R
d
n
a
e
p
a
T
P
W
P
C
1
1
1
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
4
2
T
P
W
P
C
1
1
1
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
4
2
,
l
e
e
R
d
n
a
e
p
a
T
P
D
C
2
1
1
5
P
M
I0°
5
2
1
o
t
C
°CO
S
c
i
t
s
a
l
P
n
i
p
-
6
1
T
P
D
C
2
1
1
5
P
M
I0°
5
2
1
o
t
C
°CO
S
c
i
t
s
a
l
P
n
i
p
-
6
1
,
l
e
e
R
d
n
a
e
p
a
T
P
W
P
C
2
1
1
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
4
2
T
P
W
P
C
2
1
1
5
P
M
I0°
5
2
1
o
t
C
°CP
O
S
S
T
c
i
t
s
a
l
P
n
i
p
-
4
2
,
l
e
e
R
d
n
a
e
p
a
T
3
t
a
.
1
0
t
_
2
1
1
5
/
1
1
1
5
Thermal Data
TermPwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . 0.4A
Operating Junction Temperature
Plastic (DP, PWP Packages) . . . . . . . . . . . . . . . 150
°C
Note:
1. Exceeding these ratings could cause damage to the device. All
voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.
Storage Temperature Range . . . . . . . . . . . . . . . . . -65
°C to 150°C
Lead Temperature (Soldering, 10 seconds) . . . . . 300
°C
DP Package:
Thermal Resistance Junction-to-Leads,
θJL . . . . . . . . 20°C/W
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 50°C/W
PW Package:
Thermal Resistance Junction-to-Leads,
θJL . . . . . . . . 27°C/W
Thermal Resistance Junction-to-Ambient,
θJA . . . . . . 100°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the
device/pc-board system. All of the ambient airflow is assumed.
IMP5
IMP511111/5
1/5111122
IMP5
IMP511111/5
1/5111122
www.ds-imp.com.cn
Daily Silver IMP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com