Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6320TG Datasheet(PDF) 1 Page - Supertex, Inc

Part # TC6320TG
Description  N- and P- Channel Enhancement-Mode Dual MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320TG Datasheet(HTML) 1 Page - Supertex, Inc

  TC6320TG Datasheet HTML 1Page - Supertex, Inc TC6320TG Datasheet HTML 2Page - Supertex, Inc TC6320TG Datasheet HTML 3Page - Supertex, Inc TC6320TG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC6320
Features
Low threshold
Low on resistance
Low input capacitance
Fast switching speeds
Freedom from secondary breakdown
Low input and output leakage
Independent, electrically isolated N- and P-
channels
Applications
Medical ultrasound transmitters
High voltage pulsers
Amplifiers
Buffers
Piezoelectric transducer drivers
General purpose line drivers
N- and P- Channel Enhancement-Mode Dual MOSFET
General Description
The Supertex TC6320 consists of high voltage low
threshold N-channel and P-channel MOSFETs in an SO-
8 package. Both MOSFETs have integrated gate-source
resistors and gate-source zener diode clamps which are
desired for high voltage pulser applications. The TC6320 is
a complimentary, high-speed, high voltage, gate-clamped
N- and P-channel MOSFET pair in an SO-8 package.
These low threshold enhancement-mode (normally-off)
transistors utilize an advanced vertical DMOS structure
and Supertex’s well-proven silicon-gate manufacturing
process. This combination produces devices with the
power handling capabilities of bipolar transistors and
with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of
all MOS structures, these devices are free from thermal
runaway and thermally induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
Ordering Information
Device
Package Options
8-Lead SOIC (Narrow Body)
TC6320
TC6320TG
TC6320TG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Drain to source voltage
BV
DSS
Drain to gate voltage
BV
DGS
Operating and storage temperature
-55°C to +150°C
Soldering temperature1
+300°C
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Note 1. Distance of 1.6mm from case for 10 seconds.
Pin Configuration
BV
DSS/BVDGS
R
DS(ON) (MAX)
N-Channel
P-Channel
N-Channel
P-Channel
200V
-200V
7.0Ω
8.0Ω
S1
G1
S2
G2
D2
D2
D1
D1
SO-8 Package
(top view)
1
2
36
7
8
N-Channel
P-Channel
45


Similar Part No. - TC6320TG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC6320TG SUTEX-TC6320TG Datasheet
116Kb / 3P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320TG-G SUTEX-TC6320TG-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320TGG MICROCHIP-TC6320TGG Datasheet
596Kb / 14P
N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
More results

Similar Description - TC6320TG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
APM4500AK SINOPWER-APM4500AK Datasheet
308Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com