Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C46E Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46C46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C46E Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46C46E Datasheet HTML 1Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C46E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
Part No.
VDD
Program
Memory
Data Memory
I/O
Timer
Int.
A/D
PWM Stack Package Types
SRAM EEPROM
HT46R46E
HT46C46E
2.2V~5.5V
1K
´14
64
´8
128
´8
13
8-bit
´1
3
8-bit
´4 8-bit´1
4
18DIP/SOP
HT46R47E
HT46C47E
2.2V~5.5V
2K
´14
64
´8
128
´8
13
8-bit
´1
3
9-bit
´4 8-bit´1
6
18DIP/SOP
HT46R48AE
HT46C48AE
2.2V~5.5V
2K
´14
88
´8
128
´8
19
8-bit
´1
3
9-bit
´4 8-bit´1
6
24SKDIP/SOP
HT46R49E
2.2V~5.5V
4K
´15 128´8 128´8
23
8-bit
´1
3
9-bit
´4 8-bit´2
6
24/28SKDIP/SOP
Note:
Part numbers including
²C² are mask version devices, ²R² are OTP devices.
For devices that exist in two package formats, the table reflects the situation for the larger package.
Block Diagram
Note:
This block diagram represents the OTP devices, for the Mask devices there is no Device Programming
Circuitry.
HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E
Rev. 1.20
2
August 15, 2007
T i m i n g
G e n e r a t o r
S y s t e m R C /
X ' t a l O s c i l l a t o r
I n s t r u c t i o n
D e c o d e r
I n s t r u c t i o n
R e g i s t e r
W D T
O s c i l l a t o r
D a t a
M e m o r y
M e m o r y
P o i n t e r
M U X
A C C
L o o k - u p
T a b l e
R e g i s t e r
R e s e t &
L V R
C o n f i g .
R e g i s t e r
T i m e r /
C o u n t e r
C o n f i g .
R e g i s t e r
I n t e r r u p t
C i r c u i t
C o n f i g .
R e g i s t e r
I / O
P o r t s
D e v i c e
P r o g r a m m i n g
C i r c u i t r y
C o n f i g u r a t i o n
O p t i o n
P r o g r a m
M e m o r y
S t a c k
S t a c k P o i n t e r
P r o g r a m
C o u n t e r
L o o k - u p
T a b l e
P o i n t e r
T o P r o g r a m
M e m o r y
A L U
S h i f t e r
M
U
X
E E P R O M
D a t a M e m o r y
C o n f i g .
R e g i s t e r P W M
P F D
A / D
C o n v e r t e r
Device Types
Devices which have the letter
²R² within their part number, indicate that they are OTP devices offering the advantages
of easy and effective program updates, using the Holtek range of development and programming tools. These devices
provide the designer with the means for fast and low-cost product development cycles. Devices which have the letter
²C² within their part number indicate that they are mask version devices. These devices offer a complementary device
for applications that are at a mature state in their design process and have high volume and low cost demands.
Fully pin and functionally compatible with their OTP sister devices, the mask version devices provide the ideal substi-
tute for products which have gone beyond their development cycle and are facing cost-down demands.
In this datasheet, for convenience, when describing device functions, only the OTP types are mentioned by name,
however the same described functions also apply to the Mask type devices.
Selection Table
Most features are common to all devices, the main feature distinguishing them are Program Memory capacity, I/O
count, A/D resolution, stack capacity and package types. The following table summarises the main features of each de-
vice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com