Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R32 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R32
Description  A/D Type 8-Bit OTP MCU with OPA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R32 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R32 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
(Crystal OSC, RC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
(TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tWDT1
Watchdog Time-out Period
(WDT OSC)
¾¾
2
15
¾
2
16
tWDTOSC
tWDT2
Watchdog Time-out Period
(System Clock)
¾¾
2
17
¾
2
18
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
*tSYS
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
80
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
Note: *tSYS=1/fSYS
OP Amplifier Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
D.C. Electrical Characteristic
VDD
Operating Voltage
¾¾
3
¾
5.5
V
VOPOS1
Input Offset Voltage
5V
¾-10
¾
10
mV
VOPOS2
Input Offset Voltage
5V
By Calibration
-2
¾
2mV
VCM
Common Mode Voltage Range
¾¾
VSS
¾
VDD-
1.4V
V
PSRR
Power Supply Rejection Ratio
¾¾
60
80
¾
dB
CMRR
Common Mode Rejection Ratio
5V
VCM=0~VDD
-1.4V
60
80
¾
dB
tRES
Response Time (Comparator)
¾ Input overdrive=±10mV
¾¾
2
ms
A.C. Electrical Characteristic
VOPOS1
Open Loop Gain
¾¾
60
80
¾
dB
SR
Slew Rate +, Slew Rate -
¾ No load
¾
0.1
¾
V/
ms
GBW
Gain Band Width
¾ RL=1M, CL=100p
¾¾
100
kHz
HT46R32/HT46R34
Rev. 1.10
5
March 16, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com