Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F35 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # F35
Description  Standalone Access Control Terminal Support In-Glass Fingerprint Verication With Video Intercom Function
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

F35 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  F35 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. F35 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved. F35 Datasheet HTML 3Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Field of View
Diagonal: 145°, Horizontal: 118°, Vertical: 62°
Operation System
Linux
Hardware
CPU: 1.2GHz Dual Core
RAM: 256MB; ROM: 512MB
Speaker: 8ohms±20% @1.0W
Microphone: *1 (Sensitivity: -29 to -35 dB / Omni-directional / Signal-to-Noise Ratio: 58 dB /
Impedance: 2.2 k
Fingerprint Sensor: In-Glass Fingerprint (Z-ID)
Authentication method
Fingerprint / Card / Password (Physical Touch Keypad )
User Capacity
10,000 (1:N)
Card Capacity
10,000 (1:N)
Fingerprint Template Capacity
10,000 (1:N)
Transaction Capacity
500,000
Max. User Password Length
6 to 8 Digits
Biometric Verication Speed
less than 0.3 sec (Fingerprint)
False Acceptance Rate (FAR) %
FAR
0.0001% (ZKFingerprint V10.0)
False Rejection Rate (FRR) %
FRR
0.01% ; (ZKFingerprint V10.0)
Biometric Algorithm
ZKFingerprint V10.0
Card Type
ID Card@125 kHz (Standard)
Optional Multi-Tech Module:
Module1: ID & IC & DESFire EV1 / EV2; (125 kHz & 13.56 MHz Dual Frequency)
Module 2: ID & IC & DESFire EV1 / EV 2 & FeliCa & Legic & HID Prox (125 kHz & 13.56 MHz Dual
Frequency)
Module 3: ID & IC & DESFire EV1 / EV2 & FeliCa & Legic & HID Prox & HID iClass (125 kHz & 13.56
MHz Dual Frequency)
Communication
TCP/IP*1
Wi-Fi (IEEE802.11a/g/n) @ 2.4 GHz
Wiegand (Input & Output)*1
RS485: ZKTeco RS485 *1
Aux Inputs *1, Aux Outputs *1, Electric Lock*1, Door Sensor*1, Exit Button*1, Alarm*1,
Doorbell*1,
Standard Functions
Webserver, ADMS, DST, Up to 14-digit User ID, Access Levels, Groups, Holidays, Anti Passback,
Record Query, Tamper Switch Alarm, Multiple Verication Methods Video Door Phone, ONVIF
(Compatible with Prole S, Prole T, Prole G, Prole C, Prole Q & Prole A), AC Push and TA Push,
Protocol Switch, HTTPS / SSH Backend Access, T9 Keyboard (Input)
Optional Functions
ZSmart, SIP Client (Ver2.0), Wi-Fi, IC Card, Multi-Tech Module: Module 1 / Module2 / Module 3,
Wireless Doorbell
Access Control Interface
RS485 (DM10 Controller 1 Door Expansion (Coming soon) / RS485 Card Reader / Fingerprint
Reader)
Power Supply
DC 12V 3A
Operating Temperature
-5
to 55
(23
to 131
)
Operating Humidity
10% to 90% RH (Non-condensing)
Dimensions
195 mm*75 mm*25.35 mm (L*W*H)
Gross Weight
1.13 Kg
Net Weight
0.52 Kg
Supported Software
Software: ZKBio CVAccess / ZKBioTime
Mobile App: ZSmart
Installation
Wall-mount (Compatible with Asian Gang-box / Single Gang-Box / European Gang-Box)
Housing Material
Aluminium Alloy
Ingress Protection Rating
IP65 (waterproof and dustproof )
IK04 (Vandal Resistant)
Certications
ISO14001, ISO9001, CE, FCC, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com