Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48F06E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48F06E Datasheet HTML 1Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 2Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 3Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 4Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 5Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 6Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 7Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 8Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
I/O Flash Type MCU with EEPROM
Rev. 1.00
1
September 10, 2007
General Description
The HT48F06E, HT48F10E and HT48F30E are 8-bit
high-performance, RISC architecture microcontroller
devices specifically designed for multiple I/O control
product applications. Device flexibility is enhanced with
their internal special features such as power-down and
wake-up functions, oscillator options, buzzer driver, etc.
These features combine to ensure applications require
a minimum of external components and therefore re-
duce overall product costs.
Having the advantages of low-power consumption,
high-performance, I/O flexibility as well as low-cost,
these devices have the versatility to suit a wide range of
application possibilities such as industrial control, con-
sumer products, subsystem controllers, etc. Many fea-
tures are common to all devices, however, they differ in
areas such as I/O pin count, Program Memory and Data
Memory capacity, package types, etc.
All devices utilise a Flash type Program Memory, and
therefore have multi-programmable capabilities offering
the advantages of easy and efficient program updates.
The non-volatile internal EEPROM also offers the capa-
bility of storing information such as product part num-
bers, calibration data and other specific product
information. etc. The devices are fully supported by the
Holtek range of fully functional development and pro-
gramming tools, providing a means for fast and efficient
product development cycles.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
fSYS=12MHz: 4.5V~5.5V
· Multi-programmable Flash Type Program Memory
· From 13 to 23 Bidirectional I/O with Pull-high Options
· External Interrupt Input
· Full Timer Functions with Prescaler and Interrupt
· Timer External Input
· Crystal and RC System Oscillator
· Watchdog Timer Function
· PFD/Buzzer Driver Outputs
· Power Down and Wake-up Feature for Power Saving
Operation
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· Bit Manipulation Instructions
· Table Read Function
· 63 Powerful Instructions
· All Instructions executed in 1 or 2 Machine Cycles
· Low Voltage Reset Function
· Programming Interface
· Full Suite of Supported Hardware and Software
Tools Available
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT48F06E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48F06E HOLTEK-HT48F06E Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
More results

Similar Description - HT48F06E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
8-Bit I/O Type MCU (With EEPROM)
January 12, 2004
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
8-Bit I/O Type MCU (With EEPROM)
January 12, 2004
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
I/O Flash Type MCU with EEPROM
July 28, 2009
HT48F70E HOLTEK-HT48F70E Datasheet
402Kb / 58P
I/O Flash Type MCU with EEPROM
July 29, 2009
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
HT69F340 HOLTEK-HT69F340 Datasheet
8Mb / 235P
TinyPowerTM I/O Flash MCU with LCD & EEPROM
November 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com