Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1566 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1566
Description  Very Low Dropout 3.0 Amp Regulator With Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1566 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1566 Datasheet HTML 1Page - Semtech Corporation SC1566 Datasheet HTML 2Page - Semtech Corporation SC1566 Datasheet HTML 3Page - Semtech Corporation SC1566 Datasheet HTML 4Page - Semtech Corporation SC1566 Datasheet HTML 5Page - Semtech Corporation SC1566 Datasheet HTML 6Page - Semtech Corporation SC1566 Datasheet HTML 7Page - Semtech Corporation SC1566 Datasheet HTML 8Page - Semtech Corporation SC1566 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.semtech.com
SC1566
Very Low Dropout
3.0 Amp Regulator With Enable
POWER MANAGEMENT
VIN
ENABLE
VO = See equation below
C1
C2
R1
R2
U1
SC1566I5T-2.5
1
2
3
4
5
VIN
EN
GND
ADJ
VO
VIN
ENABLE
VO = 2.5V
C1
C2
U1
SC1566I5T-2.5
1
2
3
4
5
VIN
EN
GND
ADJ
VO
VIN
VO = 1.8V
C1
C2
U1
SC1566IT-1.8
1
2
3
VIN
GND
VO
Revision: April 27, 2005
The SC1566 is a high performance positive voltage
regulator designed for use in applications requiring very
low dropout voltage at up to 3 Amps. Since it has
superior dropout characteristics compared to regular
LDOs, it can be used to supply 2.5V on motherboards or
2.8V on peripheral cards from the 3.3V supply thus
allowing heat sink size reduction or elimination.
Additionally, the five pin versions of SC1566 have an
enable pin, to further reduce power dissipation while shut
down. The SC1566 provides excellent regulation over
variations in line, load and temperature.
The SC1566 is available as three terminal fixed output
voltage and five terminal fixed or adjustable output
voltage devices with enable. Two package options are
available: TO-263 and TO-220.
350mV dropout @ 3A
Adjustable output from 1.2V to 4.8V
2.5V and 1.8V options (5 pin parts also adjustable
externally using resistors)
Over current and over temperature protection
Enable pin
10µA quiescent current in shutdown
Low reverse leakage (output to input)
Full industrial temperature range
TO-220 and TO-263 packages
Battery powered systems
Motherboards and notebook computers
Peripheral cards
Network cards
Set top boxes
Medical equipment
Volts
R2
R2)
(R1
1.200
VO
+
=
Features
Description
Applications
Typical Application Circuits(1)(2)
Notes:
(1) Maximum VO setpoint for 1.8V parts = 5.4V
(2) This device is designed to operate with
ceramic input and output capacitors


Similar Part No. - SC1566

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
SC1566I5M-1.8TR SEMTECH-SC1566I5M-1.8TR Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
SC1566I5M-2.5TR SEMTECH-SC1566I5M-2.5TR Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
logo
Samtec, Inc
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC1566I5T-1.8 SEMTECH-SC1566I5T-1.8 Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
More results

Similar Description - SC1566

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_09 Datasheet
272Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com