Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339 Datasheet(PDF) 4 Page - SYC Electronica

Part # LM339
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM339 Datasheet(HTML) 4 Page - SYC Electronica

  LM339 Datasheet HTML 1Page - SYC Electronica LM339 Datasheet HTML 2Page - SYC Electronica LM339 Datasheet HTML 3Page - SYC Electronica LM339 Datasheet HTML 4Page - SYC Electronica LM339 Datasheet HTML 5Page - SYC Electronica LM339 Datasheet HTML 6Page - SYC Electronica LM339 Datasheet HTML 7Page - SYC Electronica LM339 Datasheet HTML 8Page - SYC Electronica LM339 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Continued)
(V
+ = 5.0 V
DC, (Note 4))
Parameter
Conditions
LM139A
LM239A, LM339A
LM139
Units
Min Typ
Max
Min
Typ
Max
Min Typ
Max
Saturation Voltage
V
IN(−)=1 VDC,VIN(+) = 0,
700
700
700
mV
DC
I
SINK
≤ 4mA
Output Leakage Current
V
IN(+) = 1VDC,VIN(−) = 0,
1.0
1.0
1.0
µA
DC
V
O =30VDC, (LM3302,
V
O =28VDC)
Differential Input Voltage
Keep all V
IN’s
≥ 0V
DC (or V
−,36
36
36
V
DC
if used), (Note 8)
Electrical Characteristics
(V
+ = 5.0 V
DC, (Note 4))
Parameter
Conditions
LM239, LM339
LM2901
LM3302
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
9.0
9
15
40
mV
DC
Input Offset Current
I
IN(+)−IIN(−),VCM = 0V
150
50
200
300
nA
DC
Input Bias Current
I
IN(+) or IIN(−) with Output in
400
200
500
1000
nA
DC
Linear Range, V
CM = 0V (Note 5)
Input Common-Mode
V
+ =30V
DC (LM3302, V
+ =28V
DC)V
+−2.0
0
V
+−2.0
0
V
+−2.0
V
DC
Voltage Range
(Note 6)
Saturation Voltage
V
IN(−) =1VDC,VIN(+) = 0,
700
400
700
700
mV
DC
I
SINK
≤ 4mA
Output Leakage Current V
IN(+) = 1VDC,VIN(−) = 0,
1.0
1.0
1.0
µA
DC
V
O =30VDC, (LM3302, V O =28VDC)
Differential Input Voltage Keep all V
IN’s
≥ 0V
DC (or V
−,
363628
V
DC
if used), (Note 8)
Note 1: For operating at high temperatures, the LM339/LM339A, LM2901, LM3302 must be derated based on a 125˚C maximum junction temperature and a
thermal resistance of 95˚C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM239 and LM139 must be derated
based on a 150˚C maximum junction temperature. The low bias dissipation and the “ON-OFF” characteristic of the outputs keeps the chip dissipation very small
(PD≤100 mW), provided the output transistors are allowed to saturate.
Note 2: Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output
current is approximately 20 mA independent of the magnitude of V+.
Note 3: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP
transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action
on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time
duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns
to a value greater than −0.3 VDC (at 25˚)C.
Note 4: These specifications are limited to −55˚C
≤ TA ≤ +125˚C, for the LM139/LM139A. With the LM239/LM239A, all temperature specifications are limited to
−25˚C
≤ TA ≤ +85˚C, the LM339/LM339A temperature specifications are limited to 0˚C ≤ TA ≤ +70˚C, and the LM2901, LM3302 temperature range is −40˚C ≤ TA
≤ +85˚C.
Note 5: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the outputso
no loading change exists on the reference or input lines.
Note 6: The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode
voltage range is V+ −1.5V at 25˚C, but either or both inputs can go to +30 VDC without damage (25V for LM3302), independent of the magnitude of V
+.
Note 7: The response time specified is a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see typical performance
characteristics section.
Note 8: Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the
comparator will provide a proper output state. The low input voltage state must not be less than −0.3 VDC (or 0.3 VDCbelow the magnitude of the negative power
supply, if used) (at 25˚C).
Note 9: At output switch point, VO.1.4 VDC,RS =0Ω with V
+ from 5 V
DC to 30 VDC; and over the full input common-mode range (0 VDC to V
+ −1.5 V
DC), at 25˚C.
For LM3302, V+ from 5 VDC to 28 VDC.
Note 10: Refer to RETS139AX for LM139A military specifications and to RETS139X for LM139 military specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com