Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1452XIMSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1452XIMSTRT
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452XIMSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1452XIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 9Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 10Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 11Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 12Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 13Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
Line Regulation vs.
Junction Temperature
Load Regulation vs.
Junction Temperature
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUT = 1mA
VIN = VOUT + 1V to 5.5V
VIN = VOUT + 1V to 6.5V
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VOUT + 1V
IOUT = 0.1mA to 150mA
Typical Characteristics (Cont.)
Current Limit vs. Junction Temperature
vs. Input Voltage
Off-State Quiescent Current
vs. Junction Temperature
Quiescent Current vs. Junction Temperature
vs. Output Current
Quiescent Current vs. Junction Temperature
vs. Input Voltage
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
VIN = 4V
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
VENA = VENB = 0V
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
IOUTA or IOUTB = 150mA
IOUTA = IOUTB = 150mA
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUTA = IOUTB = 150mA
Top to bottom:
VIN = 6.5V
VIN = 5V
VIN = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com