Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1457 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1457
Description  150mA Ultra Low Dropout Regulator with Undervoltage Flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1457 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1457 Datasheet HTML 1Page - Semtech Corporation SC1457 Datasheet HTML 2Page - Semtech Corporation SC1457 Datasheet HTML 3Page - Semtech Corporation SC1457 Datasheet HTML 4Page - Semtech Corporation SC1457 Datasheet HTML 5Page - Semtech Corporation SC1457 Datasheet HTML 6Page - Semtech Corporation SC1457 Datasheet HTML 7Page - Semtech Corporation SC1457 Datasheet HTML 8Page - Semtech Corporation SC1457 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.semtech.com
SC1457
150mA Ultra Low Dropout
Regulator with Undervoltage Flag
POWER MANAGEMENT
Revision: November 10, 2004
The SC1457 is a low dropout linear regulator that
operates from a +2.25V to +6.5V input range and
delivers up to 150mA. A PMOS pass transistor allows
the low 75µA supply current to remain independent of
load, making these devices ideal for battery operated
portable equipment such as cellular phones, cordless
phones and personal digital assistants.
The SC1457 has very low dropout voltage (typically 1.1mV
at light loads and 150mV at 150mA) with better than
1.5% initial output voltage accuracy. It has a logic
compatible enable control input and an internal output
undervoltage monitor.
Designed especially for hand held, battery powered
devices, the SC1457 can be switched by a CMOS or TTL
compatible logic signal. When disabled, power
consumption drops nearly to zero. Other features include
short circuit protection, thermal shutdown protection and
reverse battery protection.
The SC1457 is available in several fixed voltages in the
tiny 5 lead SOT-23 package and the ultra low profile 5
lead TSOT-23.
Guaranteed 150mA output current
Error flag indicates output undervoltage fault
2% output accuracy guaranteed over line, load and
temperature
Very small external components - designed to work
with ceramic capacitors
Low 110µV
RMS output noise
Very low supply current
Thermal overload protection
Reverse battery protection
Low power shutdown
Full industrial temperature range
Very low profile packaging available (1mm max.
height)
Surface mount packaging (SOT-23-5 and
TSOT-23-5)
VIN
VO
UNDERVOLTAGE FLAG
C2
1uF
C1
1uF
U1
SC1457
1
2
3
4
5
IN
GND
EN
FLG
OUT
R1 100k
Description
Features
Applications
Battery Powered Systems
Cellular Telephones
Cordless Telephones
Personal Digital Assistants
Portable Instrumentation
Modems
PCMCIA cards
Typical Application Circuit


Similar Part No. - SC1457

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452XIMSTRT SEMTECH-SC1452XIMSTRT Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
More results

Similar Description - SC1457

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC553 SEMTECH-SC553 Datasheet
168Kb / 7P
150mA Ultra Low Dropout Regulator with Adjustable Output
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
150mA Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
Dual 150mA Ultra Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
150mA Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com