Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1456XIMSTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1456XIMSTR
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1456XIMSTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1456XIMSTR Datasheet HTML 2Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 3Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 4Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 5Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 6Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 7Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 8Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 9Page - Semtech Corporation SC1456XIMSTR Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
 2005 Semtech Corp.
www.semtech.com
SC1456
POWER MANAGEMENT
Thermal Considerations
The worst-case power dissipation for this part is given
by:
()
()
)
MAX
(
2
Q
)
MAX
(
2
IN
)
MAX
(
2
OUT
)
MIN
(
2
OUT
)
MAX
(
2
IN
)
MAX
(
1
Q
)
MAX
(
1
IN
)
MAX
(
1
OUT
)
MIN
(
1
OUT
)
MAX
(
1
IN
)
MAX
(
D
I
V
I
V
V
I
V
I
V
V
P
•
+
•
−
+
•
+
•
−
=
For all practical purposes, it can be reduced to:
()
()
)
MAX
(
2
OUT
)
MIN
(
2
OUT
)
MAX
(
2
IN
)
MAX
(
1
OUT
)
MIN
(
1
OUT
)
MAX
(
1
IN
)
MAX
(
D
I
V
V
I
V
V
P
•
−
+
•
−
=
Looking at a typical application:
V
IN1(MAX) = VIN2(MAX) = 4.2V
V
OUT1(MIN) = VOUT2(MIN) = (2.8V - 3.5%) = 2.702V worst-case
I
OUT1 = IOUT2 = 100mA
T
A = 85°C
This gives us:
()
mW
300
100
.
0
702
.
2
2
.
4
2
P
)
MAX
(
D
=
•
−
•
=
Using this figure, we can calculate the maximum thermal
impedance allowable to maintain T
J ≤ 125°C:
() ()
W
/
C
133
300
.
0
85
125
P
T
T
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
)(
A
J
(
°
=
−
=
−
=
θ
−
Applications Information (Cont.)
With the standard MSOP-10 Land Pattern shown at the
end of this datasheet, and minimum trace widths, the
thermal impedance junction to ambient for SC1456 is
113°C/W. Thus with no additional heatsinking,
T
J(MAX) = 119°C.
The junction temperature can be reduced further by the
use of larger trace widths, and connecting pcb copper
area to the GND pins (pins 2 and 7), which connect
directly to the device substrate. Lower junction
temperatures improve overall output voltage accuracy.
Layout Considerations
While layout for linear devices is generally not as critical
as for a switching application, careful attention to detail
will ensure reliable operation.
1) Attaching the part to a larger copper footprint will
enable better heat transfer from the device, especially
on PCBs where there are internal ground and power
planes.
2) Place the input and output capacitors close to the
device for optimal transient response and device
behavior.
3) Connect all ground connections directly to the ground
plane. If there is no ground plane, connect to a common
local ground point before connecting to board ground.
VOUT1 (SEE EQUATION)
VOUT2 = PRESET
VIN1
VIN2
U1
SC1456
1
2
3
4
5
6
7
8
9
10
EN1
GND
SET1
OUT2
IN2
EN2
GND
SET2
OUT1
IN1
C1
1uF
C3
2.2uF
C4
1uF
C2
1uF
R1
R2
(OR VIN1)
Figure 1: Output 1 Set Externally and Output 2 Set Internally



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com