Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1456XIMSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1456XIMSTRT
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1456XIMSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1456XIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 9Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC1456
POWER MANAGEMENT
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 3.6V
IOUT = 150mA
0
10
20
30
40
50
60
70
80
90
100
110
120
0
25
50
75
100
125
150
IOUT (mA)
VIN = 3.6V
TJ = 25°C
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 3.6V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 3.6V
VIH
VIL
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 3.6V
SET = GND
IOUT = 0mA to 50mA
IOUT = 0mA to 100mA
IOUT = 0mA to 150mA
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
-50
-25
0
255075
100
125
TJ (°C)
VIN = 3.6V
SET = OUT
IOUT = 0mA to 150mA
IOUT = 0mA to 100mA
IOUT = 0mA to 50mA
Current Limit vs.
Junction Temperature
Enable Input Threshold vs.
Junction Temperature
Load Regulation (V
SET = GND)
vs. Junction Temperature
Load Regulation (V
SET = VOUT)
vs. Junction Temperature
Supply Current vs.
Output Current
Supply Current vs.
Junction Temperature
Typical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com