Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1189 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1189
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1189 Datasheet HTML 6Page - Semtech Corporation SC1189 Datasheet HTML 7Page - Semtech Corporation SC1189 Datasheet HTML 8Page - Semtech Corporation SC1189 Datasheet HTML 9Page - Semtech Corporation SC1189 Datasheet HTML 10Page - Semtech Corporation SC1189 Datasheet HTML 11Page - Semtech Corporation SC1189 Datasheet HTML 12Page - Semtech Corporation SC1189 Datasheet HTML 13Page - Semtech Corporation SC1189 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
Component Selection (Cont.)
sider conduction losses to determine FET suitability.
For a 5V in; 2.8V out at 14.2A requirement, typical FET
losses would be:
Using 1.5X Room temp R
DS(ON) to allow for temperature rise.
e
p
y
t
T
E
FR
)
n
o
(
S
D
m
(
Ω)P
D
)
W
(e
g
a
k
c
a
P
5
2
0
4
3
L
R
I5
19
6
.
1D2
k
a
P
3
0
2
2
L
R
I5
.
0
19
1
.
1D2
k
a
P
0
1
4
4
i
S0
26
2
.
28
-
0
S
BO
BO
BO
BO
BOTT
TT
TT
TT
TTOM FET
OM FET
OM FET
OM FET
OM FET - Bottom FET losses are almost entirely due
to conduction. The body diode is forced into conduction at
the beginning and end of the bottom switch conduction
period, so when the FET turns on and off, there is very
little voltage across it, resulting in low switching losses.
Conduction losses for the FET can be determined by:
)
1
(
R
I
P
)
on
(
DS
2
O
COND
δ
=
For the example above:
e
p
y
t
T
E
FR
)
n
o
(
S
D
m
(
Ω)P
D
)
W
(e
g
a
k
c
a
P
5
2
0
4
3
L
R
I5
13
3
.
1D2
k
a
P
3
0
2
2
L
R
I5
.
0
13
9
.
0D2
k
a
P
0
1
4
4
i
S0
27
7
.
18
-
0
S
Each of the package types has a characteristic thermal
impedance. For the surface mount packages on double
sided FR4, 2 oz printed circuit board material, thermal
impedances of 40oC/W for the D2PAK and 80oC/W for the
SO-8 are readily achievable. The corresponding tempera-
ture rise is detailed below:
(
e
s
i
R
e
r
u
t
a
r
e
p
m
e
T
O
)
C
e
p
y
t
T
E
FT
E
F
p
o
TT
E
F
m
o
t
t
o
B
5
2
0
4
3
L
R
I6
.
7
62
.
3
5
3
0
2
2
L
R
I6
.
7
42
.
7
3
0
1
4
4
i
S8
.
0
8
16
.
1
4
1
It is apparent that single SO-8 Si4410 are not adequate
for this application, but by using parallel pairs in each
position, power dissipation will be approximately halved
and temperature rise reduced by a factor of 4.
INPUT CAP
INPUT CAP
INPUT CAP
INPUT CAP
INPUT CAPAAAAACIT
CIT
CIT
CIT
CITORS
ORS
ORS
ORS
ORS - since the RMS ripple current in the
input capacitors may be as high as 50% of the output
current, suitable capacitors must be chosen accordingly.
Also, during fast load transients, there may be restrictions
on input di/dt. These restrictions require useable energy
storage within the converter circuitry, either as extra
output capacitance or, more usually, additional input ca-
pacitors. Choosing low ESR input capacitors will help maxi-
mize ripple rating for a given size.
G
G
G
G
GAAAAATE RESIS
TE RESIS
TE RESIS
TE RESIS
TE RESISTTTTTOR SELECTION
OR SELECTION
OR SELECTION
OR SELECTION
OR SELECTION - The gate resistors for the
top and bottom switching FETs limit the peak gate current
and hence control the transition time. It is important to
control the off time transition of the top FET, it should be
fast to limit switching losses, but not so fast as to cause
excessive phase node oscillation below ground as this can
lead to current injection in the IC substrate and erratic
behaviour or latchup. The actual value should be deter-
mined in the application, with the final layout and FETs.
CURRENT SENSE, LIMIT
CURRENT SENSE, LIMIT
CURRENT SENSE, LIMIT
CURRENT SENSE, LIMIT
CURRENT SENSE, LIMIT, DR
, DR
, DR
, DR
, DROOP AND OFFSET
OOP AND OFFSET
OOP AND OFFSET
OOP AND OFFSET
OOP AND OFFSET
The converter is protected and it’s loadline shaped by the
signals generated from the sense resistor and associated
components.
INDUCTOR
Ra
Rb
Rload
Rc
+
VOSENSE
Io
Vo
V
CS
DROOP
AND
OFFSET
CIRCUIT
CURRENT LIMIT CIRCUIT
RS
RD
RF
Current Limit, Droop and Offset circuit
Current Limit is given by
I
OLIM = VCS.(RD+RF)/(RS.RF)
At no load the output voltage is given by:
V
O=VO(nom)*(1+(Ra.Rb)/(Rc*(Ra+Rb))
so the offset is:
V
OS=VO(nom)*1000*(Ra.Rb)/(Rc*(Ra+Rb))
and the droop is calculated as:
V
D=Io*RS*Rb/(Ra+Rb)
where R
S is in mΩ, VOS and VD in mV
For a full design procedure for droop and offset, see Appli-
cation Note AN97-9, “Using Droop and Vout Offset for im-
proved transient response”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com