Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1112TSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1112TSTRT
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC1112TSTRT Datasheet HTML 1Page - Semtech Corporation SC1112TSTRT Datasheet HTML 2Page - Semtech Corporation SC1112TSTRT Datasheet HTML 3Page - Semtech Corporation SC1112TSTRT Datasheet HTML 4Page - Semtech Corporation SC1112TSTRT Datasheet HTML 5Page - Semtech Corporation SC1112TSTRT Datasheet HTML 6Page - Semtech Corporation SC1112TSTRT Datasheet HTML 7Page - Semtech Corporation SC1112TSTRT Datasheet HTML 8Page - Semtech Corporation SC1112TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
s
n
o
i
t
c
e
S
r
a
e
n
i
L
T
T
V
e
g
a
tl
o
V
t
u
p
t
u
O)
A
2
1
1
1
C
S
(
T
T
V
2
.
1
I
O
W
O
L
=
L
E
S
T
T
V
,
A
2
o
t
0
=6
7
1
.
10
0
2
.
14
2
2
.
1V
)
2
1
1
1
C
S
(
T
T
V
5
2
.
1
I
O
W
O
L
=
L
E
S
T
T
V
,
A
2
o
t
0
=5
2
2
.
10
5
2
.
15
7
2
.
1
T
T
V
5
.
1
I
O
H
G
I
H
=
L
E
S
T
T
V
,
A
2
o
t
0
=0
7
4
.
10
0
5
.
10
3
5
.
1V
P
G
A
e
g
a
tl
o
V
t
u
p
t
u
OP
G
A
5
.
1
I
O
W
O
L
=
L
E
S
P
G
A
,
A
2
o
t
0
=0
7
4
.
10
0
5
.
10
3
5
.
1V
P
G
A
3
.
3
I
O
H
G
I
H
=
L
E
S
P
G
A
,
A
2
o
t
0
=4
3
2
.
30
0
3
.
3V
J
D
A
e
g
a
tl
o
V
t
u
p
t
u
OJ
D
AI
O
A
2
o
t
0
=%
2
-)
B
R
/
A
R
+
1
(
*
2
.
1%
2
+V
t
n
e
r
r
u
C
s
a
i
B
N
E
S
T
T
V
)
2
1
1
1
C
S
(
s
a
i
b
I
N
E
S
T
T
V
0
90
2
10
4
1A
µ
t
n
e
r
r
u
C
s
a
i
B
N
E
S
T
T
V
)
A
2
1
1
1
C
S
(
s
a
i
b
I
N
E
S
T
T
V
15
A
µ
t
n
e
r
r
u
C
s
a
i
B
N
E
S
P
G
As
a
i
b
I
N
E
S
P
G
A
0
1
10
5
10
7
1A
µ
t
n
e
r
r
u
C
s
a
i
B
N
E
S
J
D
As
a
i
b
I
N
E
S
J
D
A
15
A
µ
t
n
e
r
r
u
C
e
t
a
G
T
T
Ve
c
r
u
o
s
I
e
t
a
g
T
T
V
V
0
.
3
=
e
t
a
g
V
,
V
5
7
.
4
=
Y
B
T
S
V
50
0
5A
µ
k
n
i
s
I
e
t
a
g
T
T
V
0
0
5A
µ
t
n
e
r
r
u
C
e
t
a
G
P
G
Ae
c
r
u
o
s
I
e
t
a
g
P
G
A
V
0
.
3
=
e
t
a
g
V
,
V
5
7
.
4
=
Y
B
T
S
V
50
0
5A
µ
k
n
i
s
I
e
t
a
g
P
G
A
0
0
5A
µ
t
n
e
r
r
u
C
e
t
a
G
J
D
Ae
c
r
u
o
s
I
e
t
a
g
J
D
A
V
0
.
3
=
e
t
a
g
V
,
V
5
7
.
4
=
Y
B
T
S
V
50
0
5A
µ
k
n
i
s
I
e
t
a
g
J
D
A
0
0
5A
µ
n
o
it
a
l
u
g
e
R
d
a
o
LD
A
O
L
G
E
R
I
,
V
0
3
.
3
=
N
I
T
T
V
O
A
2
o
t
0
=3
.
0%
n
o
it
a
l
u
g
e
R
e
n
i
LE
N
I
L
G
E
R
,
V
7
4
.
3
o
t
V
3
1
.
3
=
N
I
T
T
V
A
2
=
o
I
3
.
0%
)
L
O
A
(
n
i
a
G
)
2
(
N
I
A
G
O
D
L
E
T
A
G
o
t
t
u
p
t
u
O
S
O
D
L0
5B
d
Electrical Characteristics (Cont.)
Unless specified: 5VSTBY=4.75V to 5.25V; VTTIN=3.3V; T
A = 25°C
Notes:
(1) All electrical characteristics are for the application circuit on page 19.
(2) Guaranteed by design
(3) Tracking Difference is defined as the delta between 3.3V Vin and the VTT, AGP, ADJ output voltages during the linear ramp up until
regulation is achieved. The Tracking Voltage difference might vary depending on MOSFETs Rdson, and Load Conditions.
(4) During power up, an internal short circuit glitch timer will start once the VTT Input Voltage exceeds the VTTIN
TH (1.5V). During the glitch
timer immunity time, determined by the Delay capacitor (Delay time is approximately equal to (Cdelay*SCTH)/ISC), the short circuit
protection is disabled to allow VTT output to rise above the trip threshold (0.7V). If the VTT output has not risen above the trip
threshold after the immunity time has elapsed, the VTT output is latched off and will only be enabled again if either the VTT input
voltage or the 5VSTBY is cycled.
(5) PWRGD pin is kept low during the power up, until the VTT output has reached its PG
td1.2 or PGtd1.5 level. At that time the PWRGD
source current I
PG (20uA) is enabled and will start charging the external PWRGD delay capacitor connected to the DELAY pin. Once the
capacitor is charged above the PG
Delay_TH (1.5V), the PWRGD pin is released from ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com