Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2643VXTSTR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2643VXTSTR
Description  Multi-Platform Multi-Phase PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2643VXTSTR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2643VXTSTR Datasheet HTML 2Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 3Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 4Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 5Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 6Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 7Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 8Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 9Page - Semtech Corporation SC2643VXTSTR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2643VX
Pin Configurations
Pin Descriptions
Ordering Information
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
13
S
O.
3
t
n
e
r
r
u
C
e
s
n
e
S
-
i
b
m
o
C
22
S
O
n
o
i
t
a
r
e
p
o
e
s
a
h
p
2
r
o
f
N
E
S
T
U
O
o
t
t
c
e
n
n
o
C
.
2
t
n
e
r
r
u
C
e
s
n
e
S
-
i
b
m
o
C
31
S
O.
1
t
n
e
r
r
u
C
e
s
n
e
S
-
i
b
m
o
C
4T
U
O
G
B.
n
i
p
e
c
n
e
r
e
f
e
r
G
B
5T
U
O
R
R
E.
t
u
p
t
u
o
r
e
i
fi
l
p
m
a
-
r
o
r
r
E
6E
S
N
E
S
G.
D
N
G
r
o
f
e
s
n
e
s
e
t
o
m
e
R
7B
F.
n
i
p
k
c
a
b
d
e
e
F
8P
E
T
S
C
A
D.
d
e
e
p
s
p
e
t
s
D
I
V
9C
C
V.
p
i
h
c
r
o
f
y
l
p
p
u
s
r
e
w
o
P
0
14
D
I
V.
B
S
M
D
I
V
1
13
D
I
V
2
12
D
I
V
3
11
D
I
V
4
10
D
I
V.
B
S
L
D
I
V
5
15
D
I
V
.
X
.
9
M
R
V
r
o
f
V
5
o
t
p
u
-
ll
u
p
5
D
I
V
;
8
-
K
r
o
f
C
C
V
o
t
p
u
-
ll
u
p
5
D
I
V
.
t
c
e
l
e
s
e
p
y
t
D
I
V
/
B
S
L
2
/
1
D
I
V
6
1D
O
O
G
P.
d
o
o
g
r
e
w
o
P
7
1F
E
R
C
S
O.
g
n
i
t
t
e
s
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
8
1D
N
G
A.
g
o
l
a
n
a
r
o
f
d
n
u
o
r
g
n
a
e
l
C
9
11
T
U
O.
1
t
u
p
t
u
o
M
W
P
0
22
T
U
O.
2
t
u
p
t
u
o
M
W
P
1
23
T
U
O.
3
t
u
p
t
u
o
M
W
P
2
24
T
U
O.
n
o
i
t
a
r
e
p
o
e
s
a
h
p
3
r
o
f
C
C
V
o
t
t
c
e
n
n
o
C
.
4
t
u
p
t
u
o
M
W
P
3
2N
E
S
T
U
O.
e
s
n
e
s
t
u
p
t
u
o
t
c
e
r
i
D
4
24
S
O
.
n
o
i
t
a
r
e
p
o
e
s
a
h
p
3
r
o
2
r
o
f
N
E
S
T
U
O
o
t
t
c
e
n
n
o
C
.
4
t
n
e
r
r
u
C
e
s
n
e
S
-
i
b
m
o
C
(24-Pin TSSOP)
Top View
12
11
6
5
4
3
1
2
10
9
8
7
13
14
19
20
21
22
24
23
15
16
17
18
VID1
VID0
OUT1
OUT2
OUT3
OUT4
OS4
OUTSEN
VID5
PGOOD
OSCREF
AGND
VID2
VID3
GSENSE
ERROUT
BGOUT
OS1
OS3
OS2
VID4
VCC
DACSTEP
FB
Note:
(1) Only available in tape and reel packaging. A reel contains 2500 devices
for the TSSOP-24 package.
(2) Lead free package.Device is fully WEEE and RoHS compliant.
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
J)
R
T
S
T
X
V
3
4
6
2
C
S
)
1
(
4
2
-
P
O
S
S
T5
2
1
o
t
0
O
C
T
R
T
S
T
X
V
3
4
6
2
C
S
)
2
(
)
1
(
4
2
-
P
O
S
S
T5
2
1
o
t
0
O
C
B
V
E
X
V
3
4
6
2
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com