Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4609 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4609
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4609 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4609 Datasheet HTML 4Page - Semtech Corporation SC4609 Datasheet HTML 5Page - Semtech Corporation SC4609 Datasheet HTML 6Page - Semtech Corporation SC4609 Datasheet HTML 7Page - Semtech Corporation SC4609 Datasheet HTML 8Page - Semtech Corporation SC4609 Datasheet HTML 9Page - Semtech Corporation SC4609 Datasheet HTML 10Page - Semtech Corporation SC4609 Datasheet HTML 11Page - Semtech Corporation SC4609 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC4609
POWER MANAGEMENT
Application Information (Cont.)
Over Current Protection
The SC4609 detects over current conditions by sensing
the voltage across the drain-to-source of the high side
MOSFET. The SC4609 determines the high side MOS-
FET current level by sensing the drain-to-source conduc-
tion voltage across the high side MOSFET via the V
in (see
the Typical Application Circuit on page 1) and PHASE pin
during the high side MOSFET’s conduction period. This
voltage value is then compared internally to a user pro-
grammed current limit threshold. Note that user should
place Kelvin sensing connections directly from the high
side MOSFET source to the PHASE pin.
The current limit threshold is programmed by the user
based on the RDS(on) of the high side MOSFET and the
value of the external set resistor RSET (where RSET is
represented by R3 in the applications schematics of this
document). The SC4609 uses an internal current source
to pull a 50µA current from the input voltage to the ISET
pin through external resistor RSET.
The current limit threshold resistor (RSET) value is calcu-
lated using the following equation:
A
50
R
I
R
)
ON
(
DS
MAX
SET
µ
⋅
=
The R
DS(ON) sensing used in the SC4609 has an addi-
tional feature that enhances the performance of the over
current protection. Because the R
DS(ON) has a positive
temperature coefficient, the 50µA current source has a
positive coefficient of about 0.28%/C° providing first or-
der correction for current sensing vs temperature. This
compensation depends on the high amount of thermal
transferring that typically exists between the high side N-
MOSFET and the SC4609 due to the compact layout of
the power supply.
When the converter detects an over current condition (I
> I
MAX) as shown in Figure 2, the first action the SC4609
takes is to enter the cycle by cycle protection mode (Point
B to Point C), which responds to minor over current cases.
Then the output voltage is monitored. If the over current
and low output voltage (set at 70% of nominal output
voltage) occur at the same time, the Hiccup mode op-
eration (Point C to Point D) of the SC4609 is invoked
and the internal soft start capacitor is discharged. This is
like a typical soft start cycle:
nom
O
V −
⋅
6
.
0
nom
O
V −
O
V
O
I
I
MAX
D
C
B
A
nom
O
V −
⋅
6
.
0
nom
O
V −
O
V
O
I
I
MAX
D
C
B
A
Figure 2. Over current protection characteristic of
SC4609
Power MOSFET Drivers
The SC4609 has two drivers which are optimized for driv-
ing external power N-Channel MOSFETs.. The driver block
consists two 1 Amp drivers. DRVH drives the high side
N-MOSFET (main switch), and DRVL drives the low side
N-MOSFET (synchronous rectifier transistor).
The output drivers also have gate drive non-overlap
mechanism that provides a dead time between DRVH
and DRVL transitions to avoid potential shoot through
problems in the external MOSFETs. By using the proper
design and the appropriate MOSFETs, the SC4609 is
capable of driving a converter with up to 12A of output
current. As shown in Figure 3,
td1
,
the delay from the
top MOSFET off to the bottom MOSFET on is adaptive by
detecting the voltage of the phase node.
td2, the delay
from the bottom MOSFET off to the top MOSFET on is
fixed, is 40ns for the SC4609. This control scheme guar-
antees avoidance of cross conduction or shoot through
between the upper and lower MOSFETs and also mini-
mizes the conduction loss in the body diode of the bot-
tom MOSFET for high efficiency applications.
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com