Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4901 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4901
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4901 Datasheet HTML 1Page - Semtech Corporation SC4901 Datasheet HTML 2Page - Semtech Corporation SC4901 Datasheet HTML 3Page - Semtech Corporation SC4901 Datasheet HTML 4Page - Semtech Corporation SC4901 Datasheet HTML 5Page - Semtech Corporation SC4901 Datasheet HTML 6Page - Semtech Corporation SC4901 Datasheet HTML 7Page - Semtech Corporation SC4901 Datasheet HTML 8Page - Semtech Corporation SC4901 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC4901
POWER MANAGEMENT
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
A)
T
R
T
S
T
I
1
0
9
4
C
S
)
2
(
6
1
-
P
O
S
S
T
)
1
(
C
°
5
2
1
+
o
t
C
°
0
4
-
Notes:
(1) Assured by design. Not tested in production.
Ordering Information
Pin Configurations
1
2
3
4
5
6
7
8
AGND
CS+
TOP VIEW
13
12
14
15
16
11
10
9
ZCD
CS-
RCT
CAO
VEA
SSEN
VEA-
AVCC
REF
OUTB
OUTA
XFRA
PVCC
PGND
Electrical Characteristics (Cont.)
Unless specified: T
A = 25°C, VCC = 12V
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
s
r
e
v
i
r
D
t
u
p
t
u
O
A
T
U
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
)
1
(
I
A
T
U
O
e
c
r
u
o
S
A
2
.
0
=0
15
.
0
1
V
B
T
U
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
)
1
(
I
B
T
U
O
e
c
r
u
o
S
A
1
.
0
=0
15
.
0
1
V
A
T
U
O
-
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
)
1
(
I
A
T
U
O
k
n
i
S
A
2
.
0
=1
2
.
1
V
A
R
F
X
-
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
)
1
(
I
A
R
F
X
k
n
i
S
A
2
.
0
=1
2
.
1
V
B
T
U
O
-
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
)
1
(
I
B
T
U
O
k
n
i
S
A
1
.
0
=1
2
.
1
V
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
C
A
T
U
O
F
p
0
0
0
2
=0
3
S
n
C
B
T
U
O
F
p
0
0
0
1
=0
3
S
n
g
n
i
s
i
R
B
T
U
O
o
t
g
n
il
l
a
F
A
T
U
O
T
A
T
=
J
C
°
5
2
1
+
o
t
C
°
0
4
-
=
5
80
1
1
5
3
1S
n
Notes:
1) Only available in tape and reel packaging. A reel
contains 2500 devices.
2) Lead free product. This product is fully WEEE and RoHS
compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com