Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802A Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC802A
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802A Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC802A Datasheet HTML 8Page - Semtech Corporation SC802A Datasheet HTML 9Page - Semtech Corporation SC802A Datasheet HTML 10Page - Semtech Corporation SC802A Datasheet HTML 11Page - Semtech Corporation SC802A Datasheet HTML 12Page - Semtech Corporation SC802A Datasheet HTML 13Page - Semtech Corporation SC802A Datasheet HTML 14Page - Semtech Corporation SC802A Datasheet HTML 15Page - Semtech Corporation SC802A Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
© 2005 Semtech Corp.
www.semtech.com
SC802/SC802A
POWER MANAGEMENT
Prelimi-
nary
Evaluation Board Schematic
C1
1uF
TP1
CHARGER+
R6
1M
JP1
4.2V
TP7
ISENSE
R2
100K
U1
SC802
1
2
3
4
5
6
7
8
12
10
11
9
13
14
15
16
BSEN
VPRGM
IPRGM
ITERM
RFGND
GND
EN-NTC
BIPB
RTIM
CHRGB
CPB
AFC
VCC
VCC
VOUT
VOUT
TP5
GND
D1
CHRG
JP4
4.1V
TP8
RGND
TP4
VOUT
R9
0
JP2
TINT
R8
No Pop
R4
3.01K
R7
37.5K
TP3
EN-NTC
D2
CP
TP2
CHARGER-
C2
No Pop
C3
2.2uF
R1
10K
JP3
LDO
R5
0
D3
No Pop
R3
3K
TP6
AFC
Marking Information
802
yyww
Top view.
Marking for the SC802 MLP 16 Lead package: yyww
=
Date Code (Example: 0012)
802A
yyww



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com