Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS4106 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS4106
Description  5A SYNCHRONUS PWM BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4106 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS4106 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4106
PIN DESCRIPTION
AMS4106
PIN
NUMBERS
NAME
DESCRIPTION
1
PWRGD
Power good output. Open collector output. A low on the pin indicates that the output is less
than the desired output voltage. There is an internal rising filter on the output of the
PWRGD comparator.
2
SS
Soft start pin connect a capacitor to GND, to slow the start up.
3
GND
Analog ground-internally connected to the sensitive analog ground circuitry.
4, 5
VPWR
Input supply voltage, 4.5 V to 20 V. Must bypass with a low ESR 10–µF ceramic capacitor.
6
VIN
Input supply voltage, 4.5 V to 20 V powers up the internal circuitry. Must bypass with a
low ESR 10–µF ceramic capacitor.
7
COMP
Error amplifier output. Connect frequency compensation network from COMP to GND.
8
F/B
Input pin of the error comparator.
9
F SET
External frequency set 100 Khz-750Khz.
10
ENABLE
Logic enable/disable device function.
11
BST
Boost voltage for the output stage drive. Connect a capacitor between LX pin and Boost.
12, 13, 14
LX
Phase node- Connect to external FET and external L-C filter.
15
PGND
Power Ground-Noisy internal ground-Return currents from the FDR driver output return
through the PGND
16
FDR
Gate drive for low side MOSFET. Connect gate of n-channel MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com