Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS6101 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS6101
Description  2A SWITCH STEP-UP DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS6101 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS6101 Datasheet HTML 1Page - Advanced Monolithic Systems AMS6101 Datasheet HTML 2Page - Advanced Monolithic Systems AMS6101 Datasheet HTML 3Page - Advanced Monolithic Systems AMS6101 Datasheet HTML 4Page - Advanced Monolithic Systems AMS6101 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS6101
TYPICAL PERFORMANCE CHARACTERISTICS
Full Load Switching
Full Load Ripple (Wide Band)
Start Up from Enable into Full Load
Start Up from Enable into Light Load
Switch Full Load Rise Time
Switch Full Load Fall Time
Efficiency for 5V input and 12V Output
Efficiency
70
72
74
76
78
80
82
84
86
88
90
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Load Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com