Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32231 Datasheet(PDF) 2 Page - EPCOS

Part # B32231
Description  Metallized Polyester Film Capacitors (MKT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32231 Datasheet(HTML) 2 Page - EPCOS

  B32231 Datasheet HTML 1Page - EPCOS B32231 Datasheet HTML 2Page - EPCOS B32231 Datasheet HTML 3Page - EPCOS B32231 Datasheet HTML 4Page - EPCOS B32231 Datasheet HTML 5Page - EPCOS B32231 Datasheet HTML 6Page - EPCOS B32231 Datasheet HTML 7Page - EPCOS B32231 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Typical applications
Smoothing
Filtering
Climatic
Max. operating temperature: 100
°C
Climatic category (IEC 60068-1): 40/100/21
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Flat winding
Insulating sleeve
Face ends sealed with epoxy resin
Terminals
Central axial wire leads, lead-free tinned
Marking
Manufacturer, series number,
rated capacitance (coded),
capacitance tolerance (code letter),
rated DC voltage, date of manufacture (coded)
Delivery mode
Bulk (untaped)
Dimensional drawing
Dimensions in mm
Width wmax
≤6.0
>6.0 ... 13.0
Lead diameter d1
0.6
0.8
When bending leads take care to leave a
clearance of 1 mm to the capacitor body.
Metallized polyester film capacitors (MKT)
B32231
General purpose (wound)
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com