Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2908 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2908
Description  800mA LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2908 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2908 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2908 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2908 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2908 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2908 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2908 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2908 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS2908
Monolithic
800mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Three Terminal Adjustable or Fixed Voltages*
• High Efficiency Linear Regulators
1.5V, 1.8V, 2.5V, 2.85V, 3.3V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 800mA
• 5V to 3.3V Linear Regulator
• Operates Down to 1V Dropout
• Battery Chargers
• Line Regulation: 0.2% Max.
• Active SCSI Terminators
• Load Regulation: 0.4% Max.
• Power Management for Notebook
• SOT-223 and TO-252 package available
• Battery Powered Instrumentation
GENERAL DESCRIPTION
The AMS2908 series of adjustable and fixed voltage regulators are designed to provide 800mA output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS2908 devices are pin compatible with other three-terminal regulators and are offered in the low profile surface mount
SOT-223 package and in the TO-252 (DPAK) plastic package.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
TO-252
SOT-223
TEMPERATURE RANGE
AMS2908CD
AMS2908
-40 to 125
° C
AMS2908CD-1.5
AMS2908-1.5
-40 to 125
° C
AMS2908CD-1.8
AMS2908-1.8
-40 to 125
° C
AMS2908CD-2.5
AMS2908-2.5
-40 to 125
° C
AMS2908CD-2.85
AMS2908-2.85
-40 to 125
° C
AMS2908CD-3.3
AMS2908-3.3
-40 to 125
° C
AMS2908CD-5.0
AMS2908-5.0
-40 to 125
° C
*For additional available fixed voltages contact factory.
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- VIN
2- Ground
3- VOUT
1- VIN
2- Adjust
3- VOUT
SOT-223 Top View
1
2
3
TO-252 FRONT VIEW
1
2
3


Similar Part No. - AMS2908

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908-15 ADMOS-AMS2908-15 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908-25 ADMOS-AMS2908-25 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908-285 ADMOS-AMS2908-285 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908-33 ADMOS-AMS2908-33 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2908

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
800mA Low Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com