Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2907 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS2907
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2907 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS2907 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2907
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Load Regulation
(Notes 2, 3)
AMS2907-2.85
VIN = 5V, 0 ≤ IOUT ≤ 500mA
3
6
12
20
mV
mV
AMS2907-3.3
VIN = 5V, 0 ≤ IOUT ≤ 500mA
3
7
15
25
mV
mV
AMS2907-5.0
VIN = 8V, 0 ≤ IOUT ≤ 500mA
5
10
20
35
mV
mV
Dropout Voltage
(VIN - VOUT)
AMS2907-1.5/-1.8/-2.5/-
2.85/-3.3/-5.0
∆V
OUT , ∆VREF = 1%, IOUT = 500mA (Note 4)
1.1
1.3
V
Current Limit
AMS2907-1.5/-1.8/-2.5/-
2.85/-3.3/-5.0
(VIN - VOUT) = 5V
1,000
mA
Minimum Load
Current
AMS2907
(VIN - VOUT) = 12V (Note 5)
5
10
mA
Quiescent Current
AMS2907-1.5/-1.8/-2.5/-
2.85/-3.3/-5.0
VIN ≤ 12V
5
10
mA
Ripple Rejection
AMS2907
f =120Hz , COUT = 25µF Tantalum, IOUT = 500mA,
(VIN-VOUT ) = 3V, CADJ =25µF
60
75
dB
AMS2907-1.5/ -1.8/ -2.5
/-2.85
f =120Hz , COUT = 25µF Tantalum, IOUT = 500mA,
VIN = 6V
60
72
dB
AMS2907-3.3
f =120Hz , COUT = 25µF Tantalum, IOUT = 500mA
VIN = 6.3V
60
72
dB
AMS2907-5.0
f =120Hz , COUT = 25µF Tantalum, IOUT = 500mA
VIN = 8V
60
68
dB
Thermal Regulation
AMS2907
TA = 25°C, 30ms pulse
0.008
0.04
%W
Adjust Pin Current
AMS2907
10mA
≤ I
OUT ≤ 500mA , 1.5V≤ (VIN - VOUT) ≤ 12V
55
120
µA
µA
Adjust Pin Current
Change
AMS2907
10mA
≤ I
OUT ≤ 500mA , 1.5V≤ (VIN - VOUT) ≤ 12V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
TA =125°C, 1000Hrs
0.3
1
%
RMS Output Noise
(% of VOUT )
TA = 25°C , 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Junction-to-Case
15
°C/W
Parameters identified with boldface type apply over the full operating temperature range.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Line and Load regulation are guaranteed up to the maximum power dissipation of 1.2W for SOT-223 package and 0.9W for SOT-89 package. Power
dissipation is determined by the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.
Note 3: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction
temperature by low duty cycle pulse testing. Load regulation is measured at the output lead ~1/8” from the package.
Note 4: Dropout voltage is specified over the full output current range of the device.
Note 5: Minimum load current is defined as the minimum output current required to maintain regulation. When 1.5V ≤ (VIN - VOUT) ≤ 12V the device is
guaranteed to regulate if the output current is greater than 10mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com