Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2115 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2115
Description  FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2115 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2115 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2115 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2115 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2115 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS2115
Monolithic
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
Systems
FEATURES
APPLICATIONS
•••• Fast Transient Response
•••• Microprocessor Supplies
•••• Dropout Voltage Defined by FET Used
•••• Video Card Supplies
•••• Very Tight Load Regulation
•••• Low Voltage Logic Supplies
•••• High Side Sense Current Limit
•••• GTL Termination
GENERAL DESCRIPTION
The
The AMS2115 is a single IC controller that drives an external N channel MOSFET as a source follower to produce a fast
transient response, low dropout voltage regulator. The fast transient load performance is obtained by eliminating expensive
tantalum or bulk electrolytic output capacitors in the most demanding modern microprocessor applications. Precision-trimmed
adjustable and fixed output voltage versions accommodate any required microprocessor power supply voltage. By selecting the
N-channel MOSFET RDS(ON) a very low dropout voltage can be achieved. A protection feature includes a high side current
limit amplifier that activates a circuit to limit the FET gate drive. A shutdown pin turns off the gate drive and some internal
circuits to reduce quiescent current. AMS2115 is offered in 8L SOIC and 8L PDIP package.
ORDERING INFORMATION:
8L SOIC
8L PDIP
1
2
8
4
3
7
5
6
GATE
COMP
INEG
S/D
VIN
GND
IPOS
FB
Top View
TYPICAL APPLICATION:
!
!
"
#$%&'(
)
!
!
*
+ ,
+ ,
*
PACKAGE TYPE
OPERATING JUNCTION
8L PDIP
8L SOIC
TEMPERATURE RANGE
AMS2115P
AMS2115S
-0 to 125
° C
AMS2115P-1.5
AMS2115S-1.5
-0 to 125
° C
AMS2115P-1.8
AMS2115S-1.8
-0 to 125
° C
AMS2115P-2.5
AMS2115S-2.5
-0 to 125
° C
AMS2115P-3.3
AMS2115S-3.3
-0 to 125
° C
AMS2115P-5.0
AMS2115S-5.0
-0 to 125
° C


Similar Part No. - AMS2115

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115P ADMOS-AMS2115P Datasheet
209Kb / 4P
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115P-1.5 ADMOS-AMS2115P-1.5 Datasheet
209Kb / 4P
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115P-1.8 ADMOS-AMS2115P-1.8 Datasheet
209Kb / 4P
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115P-2.5 ADMOS-AMS2115P-2.5 Datasheet
209Kb / 4P
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
More results

Similar Description - AMS2115

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
UC285-1 TI1-UC285-1_16 Datasheet
876Kb / 18P
FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com