Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1503 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1503
Description  3A LOW DROPOUT VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1503 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1503 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1503 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced
AMS1503
Monolithic
3A LOW DROPOUT VOLTAGE REGULATORS
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Adjustable or Fixed Output
• High Current Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 3A
• Adjustable Power Supply
• Low Dropout, 500mV at 3A Output Current
• Notebook/Personal Computer Supplies
• Fast Transient Response
• Remote Sense
GENERAL DESCRIPTION
The AMS1503 series of adjustable and fixed low dropout voltage regulators are designed to provide 3A output current to
power the new generation of microprocessors. The dropout voltage of the device is 100mV at light loads and rising to 500mV
at maximum output current. A second low current input voltage 1V or greater then the output voltage is required to achieve
this dropout. The AMS1503 can also be used as a single supply device.
New features have been added to the AMS1503: a remote Sense pin is brought out virtually eliminating output voltage
variations due to load changes. The typical load regulation, measured at the Sense pin, for a load current step of 100mA to 3A
is less than 1mV.
The AMS1503 series has fast transient response. The Adjust pin is brought out on fixed devices. To further improve the
transient response the addition of a small capacitor on the Adjust pin is recommended.
The AMS1503 series are ideal for generating power supplies of 2V to 3V where both 5V and 3.3V supplies are available.
The AMS1503 devices are offered in 5 lead TO-220, 5L TO-263 (plastic DD) and 5L TO-252 (DPAK) packages.
ORDERING INFORMATION:
PIN CONNECTIONS
PACKAGE TYPE
OPERATING JUNCTION
5 LEAD TO-263
5 LEAD TO-220
5 LEAD TO-252 TEMPERATURE RANGE
AMS1503CM
AMS1503CT
AMS1503CD
0 to 125
° C
AMS1503CM-1.5
AMS1503CT-1.5
AMS1503CD-1.5
0 to 125
° C
AMS1503CM-2.5
AMS1503CT-2.5
AMS1503CD-2.5
0 to 125
° C
AMS1503CM-2.85 AMS1503CT-2.85 AMS1503CD-2.85
0 to 125
° C
AMS1503CM-3.0
AMS1503CT-3.0
AMS1503CD-3.0
0 to 125
° C
AMS1503CM-3.3
AMS1503CT-3.3
AMS1503CD-3.3
0 to 125
° C
AMS1503CM-3.5
AMS1503CT-3.5
AMS1503CD-3.5
0 to 125
° C
AMS1503CM-5.0
AMS1503CT-5.0
AMS1503CD-5.0
0 to 125
° C
5
4
3
2
1
V
POWER
V
CONTROL
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-220
5
4
3
2
1
Vpower
Vcontrol
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-252
5
4
3
2
1
Vpower
Vcontrol
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-263
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS1503

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503 Datasheet
76Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM ADMOS-AMS1503CM Datasheet
76Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM-15 ADMOS-AMS1503CM-15 Datasheet
76Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM-25 ADMOS-AMS1503CM-25 Datasheet
76Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM-285 ADMOS-AMS1503CM-285 Datasheet
76Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
3A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503 Datasheet
76Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
3A Low Dropout Positive Regulators
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com