Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC132ADR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC132ADR
Description  SN74LVC132A Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC132ADR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC132ADR Datasheet HTML 1Page - Texas Instruments SN74LVC132ADR Datasheet HTML 2Page - Texas Instruments SN74LVC132ADR Datasheet HTML 3Page - Texas Instruments SN74LVC132ADR Datasheet HTML 4Page - Texas Instruments SN74LVC132ADR Datasheet HTML 5Page - Texas Instruments SN74LVC132ADR Datasheet HTML 6Page - Texas Instruments SN74LVC132ADR Datasheet HTML 7Page - Texas Instruments SN74LVC132ADR Datasheet HTML 8Page - Texas Instruments SN74LVC132ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
4 Pin Configuration and Functions
Thermal
Pad
2
1B
3
1Y
4
2A
5
2B
6
2Y
9
3A
10
3B
11
4Y
12
4A
13
4B
Not to scale
Figure 4-1. BQA Package, 14 Pin WQFN (Top View)
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
V
CC
3Y
Figure 4-2. D or PW Package, 14 Pin TSSOP (Top
View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
1A
1
I
Channel 1, Input A
1B
2
I
Channel 1, Input B
1Y
3
O
Channel 1, Output Y
2A
4
I
Channel 2, Input A
2B
5
I
Channel 2, Input B
2Y
6
O
Channel 2, Output Y
GND
7
—
Ground
3Y
8
O
Channel 3, Output Y
3A
9
I
Channel 3, Input A
3B
10
I
Channel 3, Input B
4Y
11
O
Channel 4, Output Y
4A
12
I
Channel 4, Input A
4B
13
I
Channel 4, Input B
VCC
14
—
Positive Supply
Thermal Information(2)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply.
(1)
I = input, O = output
(2)
For BQA package only.
www.ti.com
SN74LVC132A
SCLSA12 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74LVC132A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com