Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC132APWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC132APWR
Description  SN74LVC132A Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC132APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC132APWR Datasheet HTML 2Page - Texas Instruments SN74LVC132APWR Datasheet HTML 3Page - Texas Instruments SN74LVC132APWR Datasheet HTML 4Page - Texas Instruments SN74LVC132APWR Datasheet HTML 5Page - Texas Instruments SN74LVC132APWR Datasheet HTML 6Page - Texas Instruments SN74LVC132APWR Datasheet HTML 7Page - Texas Instruments SN74LVC132APWR Datasheet HTML 8Page - Texas Instruments SN74LVC132APWR Datasheet HTML 9Page - Texas Instruments SN74LVC132APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOH
IOH= –100μA
1.1 V to 3.6 V
VCC - 0.2
V
VOH
IOH= –100μA
1.2 V to 3.6 V
VCC - 0.2
V
VOH
IOH= –4mA
1.65 V
1.2
V
VOH
IOH= –8mA
2.3 V
1.75
V
VOH
IOH= –12mA
2.7 V
2.2
V
VOH
3 V
2.4
V
VOH
IOH= –24mA
3 V
2.2
V
VOL
IOH= 100μA
1.1 V to 3.6 V
0.15
V
VOL
IOH= 100μA
1.2 V to 3.6 V
0.2
V
VOL
IOH= 4mA
1.65 V
0.45
V
VOL
IOH= 8mA
2.3 V
0.7
V
VOL
IOH= 12mA
2.7 V
0.4
V
VOL
IOH= 24mA
3 V
0.55
V
II
VI = VCC or GND
3.6 V
±5
µA
Ioff
VI or VO = VCC
0 V
±10
µA
ICC
VI = VCC or GND, IO = 0
3.6 V
40
µA
ΔICC
One input at VCC - 0.6 V, other inputs at
VCC or GND
2.7 V to 3.6 V
500
µA
CI
VI = VCC or GND
3.3 V
4.9
pF
CO
VO = VCC or GND
3.3 V
6.3
pF
CPD
f = 10MHz
1.8 V
31
pF
CPD
f = 10MHz
2.5 V
31
pF
CPD
f = 10MHz
3.3 V
32
pF
5.6 Switching Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See Parameter
Measurement Information
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
LOAD CAPACITANCE
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tpd
A or B
Y
CL = 15 pF
1.2 V ± 0.1 V
12
44
ns
tpd
A or B
Y
CL = 15 pF
1.5 V ± 0.12 V
9
15
ns
tpd
A or B
Y
CL = 30 pF
1.8 V ± 0.15 V
10.2
ns
tpd
A or B
Y
CL = 30 pF
2.5 V ± 0.2 V
6.9
ns
tpd
A or B
Y
CL = 50 pF
2.7 V
6.4
ns
tpd
A or B
Y
CL = 50 pF
3.3 V ± 0.3 V
5.6
ns
tsk(o)
3.3 V ± 0.3 V
1.5
ns
5.7 Noise Characteristics
VCC = 3.3 V, CL = 50 pF, TA = 25°C
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
-0.8
-0.3
V
VOH(V)
Quiet output, minimum dynamic VOH
2.2
3.3
V
SN74LVC132A
SCLSA12 – MAY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC132A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com