Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR1AM Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BCR1AM
Description  Lead-Mount Triac 1 Ampere/400-600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR1AM Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BCR1AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR1AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR1AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR1AM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
BCR1AM-8
BCR1AM-12
Units
Repetitive Peak Off-state Voltage (Gate Open)
VDRM
400
600
Volts
Non-repetitive Peak Off-state Voltage (Gate Open)
VDSM
500
720
Volts
On-state Current, Ta = 56°C
IT(RMS)
1
1
Amperes
Non-repetitive Peak Surge, One Cycle (60 Hz)
ITSM
10
10
Amperes
Non-repetitive Peak Surge, One Cycle (50 Hz)
ITSM
9.1
9.1
Amperes
I2t for Fusing, t = 8.3 msec
I2t
0.4
0.4
A2sec
Peak Gate Power Dissipation, 20
sec
PGM
1
1
Watts
Average Gate Power Dissipation
PG(avg)
0.1
0.1
Watts
Peak Gate Current
IGM
1
1
Amperes
Peak Gate Voltage
VGM
6
6
Volts
Storage Temperature
Tstg
-40 to 125
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
-40 to 125
°C
Weight
0.23
0.23
Grams
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Test Conditions (Trigger Mode)
BCR1AM
Characteristics*
Symbol
VD
RL
RG
Tj
Min.
Typ.
Max.
Units
Gate – Parameters
DC Gate Trigger Current
MT2+ Gate+
6V
6
330
25°C
5
mA
MT2+ Gate–
IGT
6V
6
330
25°C
5
mA
MT2– Gate–
6V
6
330
25°C
5
mA
MT2– Gate+
6V
6
330
25°C
10
mA
DC Gate Trigger Voltage
MT2+ Gate+
6V
6
330
25°C
2
Volts
MT2+ Gate–
VGT
6V
6
330
25°C
2
Volts
MT2– Gate–
6V
6
330
25°C
2
Volts
MT2– Gate+
6V
6
330
25°C
2
Volts
DC Gate Non-trigger Voltage
All
VGD
1/2 VDRM
125°C
0.1
Volts
*Characteristic values apply for either polarity of Main Terminal 2 referenced to Main Terminal 1.
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction-to-case
Rth(j-c)
50
°C/W
Steady State Thermal Resistance,
Rth(j-a)
120
°C/W
Junction-to-ambient
Voltage – Blocking State
IDRM
Gate Open Circuited,
1
mA
Repetitive Off-state Current
VD = VDRM, Tj = 125°C
Current – Conducting State
VTM
Tc = 25°C, 8.3ms Pulsewidth
1.6
Volts
Peak On-state Voltage
Duty Cycle <2%, ITM = 1.5A
Critical Rate-of-Rise of Commutating
(dv/dt)c
V/ s
Off-state Voltage (Commutating dv/dt)
v (Switching)
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR1AM
Lead-Mount Triac
1 Ampere/400-600 Volts
T-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com