Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC55 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # GC55
Description  GC55 Pressure Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

GC55 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  GC55 Datasheet HTML 1Page - Ashcroft, Inc. GC55 Datasheet HTML 2Page - Ashcroft, Inc. GC55 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
of 3
2
GC55 Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. GC-55_transducer_ds_RevD_11-24-22
ashcroft.com
| 1.800.328.8258 | Contact Us
PHYSICAL SPECIFICATIONS
Weight:
Approx. 1.0 lb
Environmental
Rating:
IP66
Mounting:
(2) 5.2 mm mounting holes
Pressure Connection: 1
/8 NPT Female
Electrical
Connection Size:
½ NPT Female Conduit
Cable Gland (Cable diameters 0.16˝ to 0.63˝)
OPTIONAL FEATURES
Calibration Report:
Traceable calibration certificate
TWO POLYSILICON THIN FILM SENSORS
WETTED MATERIAL
Diaphragm
Process Connection
Media Compatibility
17-4PH SS
304 SS
Fluids and gases compatible with
304 SS (sensor housing) and
17-4PH® SS (sensor diaphragm)
NON-WETTED
Enclosure
Aluminum
ORDERING CODE
Example:
GC55
7
F01
15
CG
75#
-XRH
Model
GC55 - wet/wet indicating differential transducer w/ switch outputs
GC55
Accuracy
7 - ±0.5% of span
7
Pressure Fitting
F01 - 1/8 NPT Female
F01
Output Signal
15 - 1-5 Vdc
15
42 - 4-20 mA
Electrical Connection
CG - Cable gland
CG
CD - ½ NPT Female conduit
Pressure Range Differential
75# - 75 psi
75#
100# - 100 psi
150# - 150 psi
250# - 250 psi
300# - 300 psi
Option (if including an option(s) must include an “X’’)
X__
RH - Traceable calibration certificate
RH
P
Building
Head
LH
P2
P1
Pressure drop accross filtration
system to monitor clogging.
Hydronic flow systems DP
measurement of pump head
Pump
P2
P1
Filter
Filter
P
F
P
Building
Head
LH
P2
P1
Pressure drop accross filtration
system to monitor clogging.
Hydronic flow systems DP
measurement of pump head
Pump
P2
P1
Filter
Filter
P
F
Fully welded assembly of all stainless steel with high overpressure
capability makes the GC55 ideal for fluid pump systems in applications
such as:
• Level measurement in large size and/or pressurized tanks
• Pump monitoring of building hydronic heating and cooling systems
• Filter monitoring in water purification or hydraulic systems



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com