Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS682 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS682
Description  INVERTING VOLTAGE DOUBLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS682 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS682 Datasheet HTML 1Page - Advanced Monolithic Systems AMS682 Datasheet HTML 2Page - Advanced Monolithic Systems AMS682 Datasheet HTML 3Page - Advanced Monolithic Systems AMS682 Datasheet HTML 4Page - Advanced Monolithic Systems AMS682 Datasheet HTML 5Page - Advanced Monolithic Systems AMS682 Datasheet HTML 6Page - Advanced Monolithic Systems AMS682 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS682
TYPICAL PERFORMANCE CHARACTERISTICS (FOSC = 12kHz)
V
IN = 5V
V
IN = 5V
I
OUT = 10mA
NO LOAD
V
IN = 5V
C3 = 10
µF
-7.5
-8.0
-8.5
-9.0
-9.5
-10.0
-10.5
05
10
15
240
220
180
160
140
120
1
23
4
5
6
V
OUT vs. Load Current
Output Resistance vs. V
IN
200
V
IN (V)
LOAD CURRENT
200
180
160
140
120
100
80
-50
0
50
100
12
3
46
5
300
250
200
150
100
50
V
IN (V)
Output Source Resistance vs. Temperature
TEMPERATURE (°C)
200
150
100
50
0
0
510
15
20
OUTPUT CURRENT (mA)
Output Ripple vs. Output Current
Supply Current vs. V
IN
C1-C3 = 3.3
µF
C3 = 100
µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com