Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2516 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2516
Description  Complete Three-in-One DDR Power Solution With BF_CUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2516 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2516 Datasheet HTML 6Page - Semtech Corporation SC2516 Datasheet HTML 7Page - Semtech Corporation SC2516 Datasheet HTML 8Page - Semtech Corporation SC2516 Datasheet HTML 9Page - Semtech Corporation SC2516 Datasheet HTML 10Page - Semtech Corporation SC2516 Datasheet HTML 11Page - Semtech Corporation SC2516 Datasheet HTML 12Page - Semtech Corporation SC2516 Datasheet HTML 13Page - Semtech Corporation SC2516 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2516
Applications Information (Cont.)
Step 1. Output filter corner frequency
F
o = 1.6 KHz
Step 2. ESR zero frequency:
F
esr = 3.537 KHz
Step 3. Check the following condition:
Which is satisfied in this case.
Step 4. Choose crossover frequency and calculate
compensator R:
F
x_over = 50 KHz
R = 15 K
Ω
Step 5. Calculate the compensator C:
C = 33 nF
Step 6. Generate Bode plot and check the phase margin.
In this case, the phase margin is about 85oC that en-
sures the loop stability. Fig. 2 shows the Bode plot of the
loop.
or
R
1
G pwm V in
⋅
G m
⋅
F o
F esr
⎛
⎜
⎝
⎞
⎠
2
⋅
F x_over
F o
⎛
⎜
⎝
⎞
⎠
⋅
V o
V bg
⎛
⎜
⎝
⎞
⎠
⋅
:=
when
(5) The compensation capacitor is determined by choos-
ing the compensator zero to be about one fifth of the
output filter corner frequency:
(6) The final step is to generate the Bode plot, either by
using the simulation model in Fig. 1 or using the equa-
tions provided here with Mathcad. The phase margin
can then be checked using the Bode plot. Usually, this
design procedure ensures a healthy phase margin.
(7) An additional capacitor should be reserved at the
compensation pin to ground to have another high fre-
quency pole.
An example is given below to demonstrate the proce-
dure introduced above. The parameters of the power
supply (typical for VDDQ section) are given as :
F esr
F sw
5
<
F esr
F o
<
F x_over
<
F zero
F o
5
C
1
2
π
. R
. F
zero
.
Vin
5V
⋅
:=
Vo
2.5 V
⋅
:=
Io
20 A
⋅
:=
Fsw
250 KHz
⋅
:=
L
2.2
µH
⋅
:=
Co
4500
µF
⋅
:=
Rc
0.01
Ω
⋅
:=
Vbg
1.25 V
⋅
:=
Vramp
0.55 V
⋅
:=
Gm
0.001 A
⋅
V
:=
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
The configuration of the PWM comparator of GMCH
channel is such that its inverter input is connected to
Comp_GMCH and the non-inverter input is connected
to the internal ramp. The peak voltage of the internal
ramp is 1.1V and the valley voltage is 0.55V. When
COMP_GMCH voltage is below 0.55V, the maximum duty
cycle will be generated by PWM comparator. If
COMP_GMCH voltage is over 1.1V then the minimum
duty cycle will be generated.
To ensure proper soft start function of the GMCH
channel, COMP_GMCH voltage must rise above 1.1V at
the beginning of soft start period quickly. So a higher
compensation gain is required. The following example
shows that by choosing the compensation parameters
as 15kOhm and 27nF for a typical output filter with
1~2uH inductor and 2000uF capacitor (ESR of 8~12
mOhm), the circuit will yield smooth soft start, stable
control loop, and satisfactory transient response. The
measured Bode plot of the loop gain is shown in Figure
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com