Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1486AITSTR Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC1486AITSTR
Description  Complete DDR1/2/3 Power Supply Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AITSTR Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC1486AITSTR Datasheet HTML 17Page - Semtech Corporation SC1486AITSTR Datasheet HTML 18Page - Semtech Corporation SC1486AITSTR Datasheet HTML 19Page - Semtech Corporation SC1486AITSTR Datasheet HTML 20Page - Semtech Corporation SC1486AITSTR Datasheet HTML 21Page - Semtech Corporation SC1486AITSTR Datasheet HTML 22Page - Semtech Corporation SC1486AITSTR Datasheet HTML 23Page - Semtech Corporation SC1486AITSTR Datasheet HTML 24Page - Semtech Corporation SC1486AITSTR Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
 2006 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information (Cont.)
Layout Guidelines (Cont.)
Next, looking at the power section, the schematics in Figures 10 and 11 below show the power sections for
VDDQ and VTT:
+
C13
330u/25m
Q2
IRF7811AV
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
1210
Q3
FDS6676S
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
0402
0402
1210
+
C14
330u/25m
7343
L1
2u4
7343
C2
0u1/25V
0603
C1
2n2/50V
C3
10u/25V
0402
C4
10u/25V
C12
0u1
1.8V, 10A
R7
0R
0402
R8
0R
L2
3u9
1210
0603
C6
0u1/25V
0603
0402
C7
2n2/50V
C5
10u/25V
C16
0u1
+
C15
220u/25m
0402
7343
0.9V, 1.5A
Q1
FDS6982S
4
1
2
3
5
6
7
8
Figure 10: VDDQ Power Section
Figure 11: VTT Power Section
The highest di/dts occur in the input loops (see Figures 12 and 13 below) and thus these should be kept as small
as possible.
Figure 12: VDDQ Input Loop
Figure 13: VTT Input Loop
C3
10u/25V
0603
C1
2n2/50V
1210
Q2
IRF7811AV
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
C2
0u1/25V
C4
10u/25V
0402
Q3 FDS6676S
1
2
3
4
5
6
7
8
S
S
S
GD
D
D
D
1210
0402
C6
0u1/25V
0603
C7
2n2/50V
Q1
FDS6982S
4
1
2
3
5
6
7
8
C5
10u/25V
1210
The input capacitors should be placed with the highest frequency capacitors closest to the loop to reduce EMI. Use
large copper pours to minimize losses and parasitics. See Figures 14 and 15 below for examples.
Figure 14: VDDQ Power Component Placement
And Copper Pours
Figure 15: VTT Power Component Placement
And Copper Pours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com