Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1486AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1486AEVB
Description  Complete DDR1/2/3 Power Supply Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 6Page - Semtech Corporation SC1486AEVB Datasheet HTML 7Page - Semtech Corporation SC1486AEVB Datasheet HTML 8Page - Semtech Corporation SC1486AEVB Datasheet HTML 9Page - Semtech Corporation SC1486AEVB Datasheet HTML 10Page - Semtech Corporation SC1486AEVB Datasheet HTML 11Page - Semtech Corporation SC1486AEVB Datasheet HTML 12Page - Semtech Corporation SC1486AEVB Datasheet HTML 13Page - Semtech Corporation SC1486AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
 2006 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information (Cont.)
Figure 3: Valley Current Limiting
The equation for the current limit threshold is as follows:
A
R
R
10e
I
SENSE
ILIM
6
-
LIMIT
=
Where (referring to Figure 2) R
ILIM is R5 and RSENSE is the
R
DS(ON) of Q3.
For resistor sensing, a sense resistor is placed between
the source of Q3 and PGND. The current through the
source sense resistor develops a voltage that opposes
the voltage developed across R
ILIM. When the voltage
developed across the R
SENSE resistor reaches the voltage
drop across R
ILIM, a positive over-current exists and the
high side MOSFET will not be allowed to turn on. When
using an external sense resistor R
SENSE is the resistance
of the sense resistor.
The current limit circuitry also protects against negative
over-current (i.e. when the current is flowing from the
load to PGND through the inductor and bottom MOSFET).
In this case, when the bottom MOSFET is turned on, the
phase node, LX, will be higher than PGND initially. The
SC1486A monitors the voltage at LX, and if it is greater
than a set threshold voltage of 140mV (nom.) the
bottom MOSFET is turned off. The device then waits for
approximately 2µs and then DL goes high for 300ns (typ.)
once more to sense the current. This repeats until
either the over-current condition goes away or the part
OUT1 Output Voltage Selection
The output voltage is set by the feedback resistors R10
& R13 of Figure 2 below. The internal reference is 1.5V,
so the voltage at the feedback pin is multiplied by three
to match the 1.5V reference. Therefore the
output can be set to a minimum of 0.5V. The equation
for setting the output voltage is:
5
.
0
13
R
10
R
1
VOUT
 +
=
5VSUS
0402
C1
2n2/50V
Q2
IRF7811AV
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
SOD
0402
7343
0603
0402
323
R5 13k3
C2
0u1/25V
0603
R3
1M
R13
17k4
C10 0u1
D1
0402
R10
45k3
1210
+
C14
330u/25m
C20
1n
1.8V
0402
L1
2u4
5VSUS
C17
27p
PGOOD1
VCCA1
0402
R1 10R
VCCA1
0603
0603
VCCA1
R7
0R
0402
C3
10u/25V
U1
SC1486A
3
1
23
6
7
5
4
22
27
24
26
25
28
17
15
9
20
21
19
18
13
12
8
10
11
14
2
16
VDDP1
PGND1
TON1
DH1
BST1
LX1
ILIM1
EN/PSV1
PGD1
VOUT1
FB1
VCCA1
VSSA1
VDDP2
PGND2
TON2
DH2
BST2
LX2
ILIM2
PGD2
FB2
REFIN
REFOUT
VCCA2
VSSA2
DL1
DL2
C4
10u/25V
C21
1u
TON1
C8
1u
0402
0402
7343
+
C13
330u/25m
PGD1
R14 470k
Q3
FDS6676S
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
VSSA1
0402
0402
1.8V, 10A
PWR_SRC
1210
C12
0u1
Figure 2: Setting VDDQ Output Voltage
Current Limit Circuit
Current limiting of the SC1486A can be accomplished in
two ways. The on-state resistance of the low-side
MOSFETs can be used as the current sensing element
or sense resistors in series with the low-side sources
can be used if greater accuracy is desired. R
DS(ON)
sensing is more efficient and less expensive. In both
cases, the R
ILIM resistors between the ILIM pin and LX pin
set the over current threshold. This resistor R
ILIM is
connected to a 10µA current source within the SC1486A
which is turned on when the low side MOSFET turns on.
When the voltage drop across the sense resistor or low
side MOSFET equals the voltage across the RILIM resisor,
positive current limit will activate. The high side MOSFET
will not be turned on until the voltage drop across the
sense element (resistor or MOSFET) falls below the
voltage across the R
ILIM resistor. In an extreme over-
current situation, the top MOSFET will never turn back
on and eventually the part will latch off due to output
undervoltage (see Output Undervoltage Protection).
The current sensing circuit actually regulates the
inductor valley current (see Figure 3). This means that if
the current limit is set to 10A, the peak current through
the inductor would be 10A plus the peak ripple current,
and the average current through the inductor would be
10A plus 1/2 the peak-to-peak ripple current. The
equations for setting the valley current and calculating
the average current through the inductor are shown
below:
ILIMIT
ILOAD
IPEAK
TIME
Valley Current-Limit Threshold Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com