Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS431LAN Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS431LAN
Description  1.2V SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431LAN Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS431LAN Datasheet HTML 1Page - Advanced Monolithic Systems AMS431LAN Datasheet HTML 2Page - Advanced Monolithic Systems AMS431LAN Datasheet HTML 3Page - Advanced Monolithic Systems AMS431LAN Datasheet HTML 4Page - Advanced Monolithic Systems AMS431LAN Datasheet HTML 5Page - Advanced Monolithic Systems AMS431LAN Datasheet HTML 6Page - Advanced Monolithic Systems AMS431LAN Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS431L
TEST CIRCUITS
V
IN
I
REF
I
Z
V
Z = VREF
V
REF
V
IN
V
Z
I
Z
V
REF
I
REF
R1
R2
V
IN
V
Z
I
Z OFF
Figure 1. Test Circuit for VZ=VREF
Figure 2. Test Circuit for VREF vs IZ.
Test circuit for IREF.
Figure 3. Test Circuit for Off-State Current
TYPICAL APPLICATIONS
1) Set the VOUT according to the following equation:
2) Choose the value of R as follows:
•
The maximum limit for R should be such that the cathode current, IZ is greater than the minimum operating current (80µA) at VIN(min).
•
The minimum limit for R should b such that IZ does not exceed 100mA under all load conditions, and the instantaneous turn-on value for IZ does not
exceed 150mA. Both of the following conditions must be met:
R2
R1
V
IN
GND
V
REF
V
OUT
R1
I
R2
R1
1
V
V
REF
REF
OUT
+
⎟
⎠
⎞
⎜
⎝
⎛
+
=
()
Z
IN(max)
min
I
on
-
turn
ous
instantane
limit
to
150mA
V
R
≥
()
conditions
operating
normal
under
I
limit
to
100mA
I
V
-
V
R
Z
OUT(min)
OUT
IN(max)
min
+
≥



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com