Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2677B Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC2677B Datasheet HTML 11Page - Semtech Corporation SC2677B Datasheet HTML 12Page - Semtech Corporation SC2677B Datasheet HTML 13Page - Semtech Corporation SC2677B Datasheet HTML 14Page - Semtech Corporation SC2677B Datasheet HTML 15Page - Semtech Corporation SC2677B Datasheet HTML 16Page - Semtech Corporation SC2677B Datasheet HTML 17Page - Semtech Corporation SC2677B Datasheet HTML 18Page - Semtech Corporation SC2677B Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
© 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
Test condition:3.3Vin/5Vin, 1.4Vout@20A
DH2
DL2
Vout
OCP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10 15
20 25 30
Load Current (A)
Vo (V)
LoadCurrent vs.Vcs+toVout (mV)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
LoadCurrent (A)
Vcs1+toVout1
Vcs2+toVout2
3.3V and 5V Input Curre nt
0
1
2
3
4
5
6
7
8
02
46
8
10
12
14
16
18
20
Load Current (A)
Iin3.3 A
Iin5 A
Regualation Characteristic
1.4030
1.4035
1.4040
1.4045
1.4050
1.4055
1.4060
0
5
10
15
20
Load Current (A)
Vout V
Overall System Efficiency
70
75
80
85
90
0
2
4
6
8
10 12 14 16
18 20
Load Current (A)
Io
Performance (Single Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com