Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS317ACT Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS317ACT
Description  1A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS317ACT Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS317ACT Datasheet HTML 1Page - Advanced Monolithic Systems AMS317ACT Datasheet HTML 2Page - Advanced Monolithic Systems AMS317ACT Datasheet HTML 3Page - Advanced Monolithic Systems AMS317ACT Datasheet HTML 4Page - Advanced Monolithic Systems AMS317ACT Datasheet HTML 5Page - Advanced Monolithic Systems AMS317ACT Datasheet HTML 6Page - Advanced Monolithic Systems AMS317ACT Datasheet HTML 7Page - Advanced Monolithic Systems AMS317ACT Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced
AMS317
Monolithic
1A LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Three Terminal Adjustable or Fixed Voltages*
• High Efficiency Linear Regulators
1.8V, 2.5V, 2.85V, 3.3V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 1A
• 5V to 3.3V Linear Regulator
• Operates Down to 1V Dropout
• Battery Chargers
• Line Regulation: 0.2% Max.
• Active SCSI Terminators
• Load Regulation: 0.4% Max.
• Power Management for Notebook
•TO-220, TO-263, TO-252 and SOT-223 package available
• Battery Powered Instrumentation
GENERAL DESCRIPTION
The AMS317 series of adjustable and fixed voltage regulators are designed to provide 1A output current and to operate down
to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output current,
decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS317 devices are pin compatible with other three-terminal regulators and are offered in 3 lead TO-220 package, in the
2 & 3 Lead TO-263 (Plastic DD), in the TO-252 (D PAK) and in the low profile surface mount SOT-223 package.
ORDERING INFORMATION:
OUTPUT
PACKAGE TYPE
OPERATING JUNCTION
VOLTAGE
3 Lead TO-220
2 &3 Lead TO-263
TO-252
SOT-223
TEMPERATURE RANGE
ADJUSTABLE
AMS317ACT
AMS317ACM
AMS317ACD
AMS317A
-40 to +125
° C
AMS317CT
AMS317CM
AMS317CD
AMS317
0 to 125
° C
FIXED*
AMS317ACT-X
AMS317ACM-X
AMS317ACD-X
AMS317A-X
-40 to +125
° C
AMS317CT-X
AMS317CM-X
AMS317CD-X
AMS317-X
0 to 125
° C
X= 1.8V, 2.5V, 2.85V, 3.3V and 5.0V.
*For additional available fixed voltages contact factory.
SOT-223 Top View
1
2
3
TAB IS
OUTPUT
TO-252 FRONT VIEW
1
2
3
PIN CONNECTIONS
1
2
3
TAB IS
OUTPUT
TO-263 FRONT VIEW
1
2
3
TAB IS
OUTPUT
2L TO-263 FRONT VIEW
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
1
2
3
TAB IS
OUTPUT
TO-220 FRONT VIEW
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS317ACT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317ACT ADMOS-AMS317ACT Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317ACT-18 ADMOS-AMS317ACT-18 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317ACT-25 ADMOS-AMS317ACT-25 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317ACT-285 ADMOS-AMS317ACT-285 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317ACT-33 ADMOS-AMS317ACT-33 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS317ACT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
1A LOW DROPOUT VOLTAGE REGULATOR
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
1A Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com