Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVK-SH3000USB Datasheet(PDF) 7 Page - Semtech Corporation

Part # EVK-SH3000USB
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVK-SH3000USB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button EVK-SH3000USB Datasheet HTML 3Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 4Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 5Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 6Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 7Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 8Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 9Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 10Page - Semtech Corporation EVK-SH3000USB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
7
SH3003
POWER MANAGEMENT
Pin Descriptions (continued)
Pin
Pin Name
Type
Pin Function
9RREF
Analog
Optional 1MΩ external bias resistor for internal 32.768 kHz RC oscillator. Can
be used to set, trim or modulate the internal RC oscillator. Keep open if not
used.
10
NRST
Digital Out
Active low system reset output. Asserted with a strong low state when a reset
condition occurs. Weakly pulled to VDD internally when not active. This signal is
valid for VDD as low as 1V. Keep open if not used.
11
RST
Digital Out
Active high system reset output. Asserted with a strong high state when a reset
condition occurs. Weakly pulled to VSS internally when not active. This signal is
valid for VDD as low as 1 V. Keep open if not used.
12
TEST (VSS)
Digital In
Factory test enable. All VSS pins & TEST (VSS) pin must be connected together.
13
CLK32
Digital Out
Buffered internal 32.768 kHz clock, derived according to the CLKSEL pin setting.
Pin uses backup power for the buffer when VDD is not present. When driving
high, this signal is either at VBAK or VDD (if VDD is higher than the reset threshold).
When enabled, this signal runs continuously independent of CLKOUT activity.
Minimize the external load to reduce power consumption during backup opera-
tions. When disabled, this pin is driven to VSS. Keep open if not used.
14
IO/INT
I/O
Serial communications interface and interrupt output pin. Pin is internally weakly
pulled to opposite of programmed interrupt polarity. If interrupt is programmed to
be active low, pin is weakly pulled to VDD when inactive. Keep open if not used.
15
CLKIN
Digital In
Clock activity sense input. Detects when target microcontroller enters stop mode
(which disables its clock). Connect to the microcontroller’s clock output or oscil-
lator output pin. Connect to VSS when not used. CLKIN must not be left open.
16
CLKOUT
Digital Out
Programmable high frequency clock output. Connect to the target microcon-
troller’s clock input or oscillator input pin. Keep open if not used.
T
Thermal Pad
Pad for heatsinking purposes. Connect to ground plane using multiple vias. Not
connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com