Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3000EK Datasheet(PDF) 5 Page - Semtech Corporation

Part # SH3000EK
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000EK Datasheet(HTML) 5 Page - Semtech Corporation

  SH3000EK Datasheet HTML 1Page - Semtech Corporation SH3000EK Datasheet HTML 2Page - Semtech Corporation SH3000EK Datasheet HTML 3Page - Semtech Corporation SH3000EK Datasheet HTML 4Page - Semtech Corporation SH3000EK Datasheet HTML 5Page - Semtech Corporation SH3000EK Datasheet HTML 6Page - Semtech Corporation SH3000EK Datasheet HTML 7Page - Semtech Corporation SH3000EK Datasheet HTML 8Page - Semtech Corporation SH3000EK Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
5
SH3003
POWER MANAGEMENT
Parameter
Symbol
Min
Typ
Max
Units
VDD switching threshold after power-up
V
BO(PUP)
2.3
V
VDD switching threshold for min code V
BO(MIN)
V
BO(MIN)
2.27
2.3
2.33
V
VDD switching threshold for max code
V
BO(MAX)
4.2
4.3
4.4
V
VDD threshold resolution
V
RES
33
mV
VDD hysteresis
V
HYS
50
mV
Falling VDD threshold switch delay
Td
2.5
μs
Threshold DAC settling time
TDAC
4
ms
Minimum VDD for valid NRST and RST
V
DD(MIN)
1V
Parameter
Symbol
Min
Typ
Max
Units
Minimum operating freq. (start-up default = 16MHz)
F
MIN
5.6
8
MHz
Maximum operating frequency
F
MAX
16.8
21
MHz
Frequency resolution
F
RES
-0.3
2
kHz
Programmed frequency accuracy at 25°C
F
ST
+0.3
%
Frequency drift over temperature and supply
F
DRIFT
±0.5
%
CLKOUT cycle-to-cycle jitter (spread spectrum off)
J
0.1
%
Start-up time from standby
T
START
2
μs
Settling time to 0.1% after HF digitally-controlled
oscillator (DCO) code change
T
SETT
10
μs
CLKOUT duty cycle
DC
40
60
%
Frequency temperature stability
F
TS
100
ppm/°C
Short-term frequency stability
F
S
0.5
%/sec
Minimum spread spectrum range*
SS(
MIN)
32
kHz
Maximum spread spectrum range*
SS(
MAX)
256
kHz
CLKOUT rise/fall time (20pF load)
T
RF
3ns
CLKOUT logic output low (4mA load)
V
OL
0.25
0.4
V
CLKOUT logic output high (4mA load)
V
OH
-0.4
-0.25
Ref VDD
High-Frequency Oscillator (HFO)
*
Note: After power-up, spectrum spreading of the high-frequency oscillator is disabled.
Programmable Reset
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com