Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS222 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS222
Description  COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS222 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS222 Datasheet HTML 1Page - Advanced Monolithic Systems AMS222 Datasheet HTML 2Page - Advanced Monolithic Systems AMS222 Datasheet HTML 3Page - Advanced Monolithic Systems AMS222 Datasheet HTML 4Page - Advanced Monolithic Systems AMS222 Datasheet HTML 5Page - Advanced Monolithic Systems AMS222 Datasheet HTML 6Page - Advanced Monolithic Systems AMS222 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS222
ABSOLUTE MAXIMUM RATINGS (Note 1)
Voltage Range on VCC
-0.5V to +16V
Operating Temperature Range
-40ºC to +125ºC
Storage Temperature Range
-55ºC to +125ºC
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA = -40ºC to +125ºC and VCC = +3.0C to 5.5V unless otherwise noted.
PARAMETER
CONDITIONS
AMS222
Min.
Typ.
Max.
Units
Supply Current
CL = 15pF, VCC = 3.3V, RSET = 12.5 KΩ
CL = 15pF, VCC = 5.5V, RSET = 12.5 KΩ
1.0
1.0
1.2
1.5
mA
High-Level Output Voltage
(OUT)
IOH = -1.5mA
VCC = 3.3V
2.5V
V
Low-Level Output Voltage
(OUT)
IOH = -1.5mA
0.4
V
AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA = -40ºC to +125ºC and VCC = +3.0C to 5.5V unless otherwise noted.
PARAMETER
CONDITIONS
AMS222
Min.
Typ.
Max.
Units
Output Frequency Tolerance
VCC = 3.3V, TA = +25ºC
-1.0
+1.0
%
Voltage Frequency Variation
TA = +25ºC, RSET = 12.5 KΩ
VCC = 3.3V to 5.0 V (Note 2)
TA = +25ºc, RSET = 12.5 KΩ
VCC = 5.0V to 10V (Notes 2)
-0.25
-0.5
+0.25
+0.5
%
Temperature Frequency Variation
VCC = 3.3V (Note 3)
-2.0
+2.0
%
Load Capacitance
(Note 4)
30
pF
Output Duty Cycle
10kHz to 1MHz, TA = +25ºC (Note 3)
1MHz to 2 MHz (Note 4)
48
46
49.5
48
%
Output Rise/Fall Time
CL = 15pF, VCC = 3.3V
20
30
ns
Note 1: All voltage referenced to ground.
Note 2: This is the change observed in output frequency due to changes in voltage.
Note 3: Parameter is guaranteed by design and is not production tested.
Note 4: Output voltage swings can be impaired at high frequencies combined with high output loading.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com