Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2621AEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2621AEVB
Description  Voltage Mode PWM Controller With Linear Power Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621AEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC2621AEVB Datasheet HTML 1Page - Semtech Corporation SC2621AEVB Datasheet HTML 2Page - Semtech Corporation SC2621AEVB Datasheet HTML 3Page - Semtech Corporation SC2621AEVB Datasheet HTML 4Page - Semtech Corporation SC2621AEVB Datasheet HTML 5Page - Semtech Corporation SC2621AEVB Datasheet HTML 6Page - Semtech Corporation SC2621AEVB Datasheet HTML 7Page - Semtech Corporation SC2621AEVB Datasheet HTML 8Page - Semtech Corporation SC2621AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621A
Notes:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) Guaranteed by design, not tested in production.
Electrical Characteristics
Unless specified: V
CC = 5V to 16V; VFB = VO; VBST - VPN = 5V to 8.2V; TA = -25°C to 85°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
i
t
c
e
S
r
a
e
n
i
L
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
L
O
V
=
B
F
D
L
L
O
T
,
A
V
,
C
°
5
2
=
CC
V
2
1
=5
9
4
.
00
0
5
.
05
0
5
.
0V
n
i
a
G
)
2
(
A
L
L
O
G
O
D
L
o
t
B
F
D
L0
7B
d
n
o
it
a
l
u
g
e
R
d
a
o
LIO
V
,
A
1
o
t
0
=
IN
V
,
V
3
.
3
=
CC
V
2
1
=4
.
0%
n
o
it
a
l
u
g
e
R
e
n
i
LVIN
V
,
V
4
.
3
o
t
V
2
.
3
=
CC
V
2
1
=4
.
0%
n
o
it
c
e
j
e
R
y
l
p
p
u
S
C
C
VVIN
V
,
V
3
.
3
=
CC
V
4
1
o
t
V
0
1
=4
.
0%
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
e
t
a
G
V
5
.
6
=
E
T
A
G
V1
A
m
t
n
e
r
r
u
C
g
n
i
k
n
i
S
e
t
a
G
V
5
.
6
=
E
T
A
G
V1
A
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
B
F
D
L
V
5
.
0
=
B
F
D
L2
.
0
-0
.
1
-A
u
e
m
i
T
t
r
a
t
S
tf
o
SVIN
V
,
V
3
.
3
=
CC
T
,
V
2
1
=
A
C
°
5
2
=5
.
1s
m
n
o
i
t
c
e
S
g
n
i
h
c
t
i
w
S
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
T
A
V
,
C
°
5
2
=
CC
V
2
1
=5
9
4
.
00
0
5
.
05
0
5
.
0V
n
o
it
a
l
u
g
e
R
d
a
o
LIO
A
4
o
t
2
.
0
=4
.
0%
n
o
it
a
l
u
g
e
R
e
n
i
LVCC
V
4
1
o
t
V
0
1
=4
.
0%
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
OF
S
0
0
40
5
45
2
5z
H
k
e
d
u
ti
l
p
m
A
p
m
a
R
)
2
(
V
m
8
.
0V
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
)
2
(
D
X
A
M
7
9%
e
m
i
T
-
n
O
m
u
m
i
n
i
M
)
2
(
T
N
I
M
_
N
O
5
2
1s
n
e
m
i
T
g
n
il
l
a
F
/
g
n
i
s
i
R
H
D
t
H
D
_
C
R
S
C
t
a
g
n
i
w
S
V
6
L
F
n
3
.
3
=
V
T
S
B
V
-
N
P
V
2
.
8
=
1
4
s
n
t
H
D
_
K
N
I
S
7
2
e
m
i
T
g
n
il
l
a
F
/
g
n
i
s
i
R
L
D
t
L
D
_
C
R
S
C
t
a
g
n
i
w
S
V
6
L
F
n
3
.
3
=
V
V
R
D
V
2
.
8
=
9
2
s
n
t
L
D
_
K
N
I
S
2
4
e
m
i
T
g
n
i
p
p
a
lr
e
v
o
n
o
N
L
D
,
H
D
0
3s
n
e
m
i
T
t
r
a
t
S
tf
o
ST
A
V
,
C
°
5
2
=
CC
V
2
1
=5
.
1s
m
r
e
i
f
il
p
m
A
r
o
r
r
E
e
g
a
t
l
o
V
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
n
I
)
2
(
2V
m
t
n
e
r
r
u
C
t
e
s
ff
O
t
u
p
n
I
)
2
(
0
4A
n
n
i
a
G
p
o
o
L
n
e
p
O
)
2
(
0
8B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
2
(
0
1z
H
M
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
9
.
0A
m
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
9
.
0A
m
e
t
a
R
w
e
l
S
)
2
(
d
a
o
L
F
p
0
0
5
=
L
C
r
o
F2
.
1s
u
/
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com