Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4510 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4510
Description  High Performance Synchronous Buck Controller With Reference Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4510 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4510 Datasheet HTML 1Page - Semtech Corporation SC4510 Datasheet HTML 2Page - Semtech Corporation SC4510 Datasheet HTML 3Page - Semtech Corporation SC4510 Datasheet HTML 4Page - Semtech Corporation SC4510 Datasheet HTML 5Page - Semtech Corporation SC4510 Datasheet HTML 6Page - Semtech Corporation SC4510 Datasheet HTML 7Page - Semtech Corporation SC4510 Datasheet HTML 8Page - Semtech Corporation SC4510 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
© 2004 Semtech Corp.
www.semtech.com
SC4510
POWER MANAGEMENT
Pin Configuration
Ordering Information
Part Number
Package(1)
Temp. Range (T
J)
SC4510ITSTR
TSSOP-20
-40°C to +85°C
SC4510ITSTRT(2)
Notes:
(1) Only available in tape and reel packaging.
A reel contains 2500 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
1
2
3
4
5
6
7
8
AGND
REF
TOP VIEW
(20 Pin TSSOP)
13
14
15
16
SYNC
REFIN
COMP
REFOUT
IN-
CS+
ROSC
CS-
SS/EN
PGOOD
VIN
AVCC
VPN
PVCC
9
10
12
BST
GDL
GDH
PGND
11
18
17
19
20
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Good Output
Overvoltage sense threshold
V
OVTH
REFIN = 2.5V
2.8
V
Undervoltage sense threshold
V
UVTH
REFIN = 2.5V
2.2
V
Power Good voltage
V
PG
I
PG
= 5 mA
I
PG
= 2.5 mA
Output under fault
1.5
0.4
V
V
Output Drive
High Side Gate Drive
I
GDH
Source or sink
1
A
Low Side Gate Drive
I
GDL
Source or sink
1
A
Dead Time Between Drives
60
90
120
nS
Rise Time
C
OUT = 1000 pF
20
nS
Fall Time
C
OUT = 1000 pF
20
nS
Note:
(1) Guaranteed by design. Not tested in production.
Unless specified: T
A = TJ = -40°C to +85°C, AVCC/PVCC = 12V, Fosc = 300 kHz, SS/EN = 5V
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com