| Electronic Components Datasheet Search |
|
SC4510ITSTR Datasheet(PDF) 12 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC4510ITSTR Datasheet(HTML) 12 Page - Semtech Corporation |
|
12 / 16 page ![]() 12 © 2004 Semtech Corp. www.semtech.com SC4510 POWER MANAGEMENT Application Information COMBI-SENSE OPERATION AND CURRENT LIMIT Effective current sensing is important for the current mode control of power convertors. Instead of using the traditional lossy resistive current sense scheme, a novel lossless Combi-Sense technique is used in SC4510. This SEMTECH proprietary technology has the advantages of 1) lossless current sensing, 2) bigger signal-to-noise ratio, and 3) thermal run-away prevention. The basic structure of the Combi-Sense is shown in Fig.1. Where R L is the equivalent resistance of the output inductor. The added R s and Cs form the RC branch in “parallel” with the output inductor for inductor current sensing. This branch works with a small signal totem pole (Q3 and Q4) integrated in SC4510 in order to improve the signal-to-noise ratio. The base signals Vbe3 and Vbe4 are designed to closely follow the gate signals Vgs1 and Vgs2, respectively. Ideally, the leading and falling edges of the Virtual Phase Node (VPN) follow that of the Phase Node (PH) when Q1~Q4 switch in perfect synchronism. Fig.1 The Basic Structure of Combi-Sense. When Q1/Q3 turn ON and Q2/Q4 turn OFF, the equivalent circuit of Fig.1 is shown in Fig. 2a). Where, Rds1 is the on- resistance of the top MOSFET. The two branches, consisting of {(Rds1+RL), L} and {R s, CS}, are in parallel. The DC voltage drop (Rds1+RL)I o equals VCs. In this way, the output current is sensed from V Cs when (Rds1+RL) is known. Q1 Q2 Cin Cout RL Rload Rs Vo Vin Cs vC(t) L iL(t) Q3 Q4 VPN Vbe4 Vbe3 Vgs2 Vgs1 PN When Q1/Q3 turn OFF and Q2/Q4 turn ON, the equivalent circuit of Fig.1 becomes the sub-circuit as shown in Fig. 2b). Where Rds2 is the channel resistance of the bottom MOSFET. In this case, the branch {R s,Cs} is in parallel with {(Rds2+RL), L} and V Cs=(Rds2+RL)Io. Fig.2 a) Equivalent sub-circuit. When averaged over a complete cycle, V Cs = [D(Rds1+RL)+(1-D)(Rds2+RL)] Io = [D Rds1+(1-D)Rds2+RL]I o = R eqIo. D is the operating duty ratio. It is noted that the average DC value in V Cs is independent of the value of L, Rs and Cs. If only the average load current information is needed (such as in average current mode control), this current sensing method is effective without further requirements. Cin Cout RL Rload Rs Vo Vin Cs vC(t) L iL(t) PN Rds1 VPN Cin Cout RL Rload Rs Vo Vin Cs vC(t) L iL(t) PN Rds2 VPN Fig.2 b) Equivalent sub-circuit. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |