Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4150 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4150
Description  Negative Voltage Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4150 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4150 Datasheet HTML 4Page - Semtech Corporation SC4150 Datasheet HTML 5Page - Semtech Corporation SC4150 Datasheet HTML 6Page - Semtech Corporation SC4150 Datasheet HTML 7Page - Semtech Corporation SC4150 Datasheet HTML 8Page - Semtech Corporation SC4150 Datasheet HTML 9Page - Semtech Corporation SC4150 Datasheet HTML 10Page - Semtech Corporation SC4150 Datasheet HTML 11Page - Semtech Corporation SC4150 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
 2004 Semtech Corp.
www.semtech.com
SC4150
POWER MANAGEMENT
Typical Characteristics
Below are the snap-shots taken at start-up with different loading conditions and during the application of the over-
current at the output of the circuit.
For all figures, Ch1: V
DRAIN; Ch2: VGATE; Ch3: PWRGD; Ch4: VR4 (Input current)
Figure 3. Start-up with no load.
Figure 5. Start-up with 1Amp load.
Figure 4. Start-up in over load.
Figure 6. From 3A load into “short circuit”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com